Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL322522T-R12X Datasheet(PDF) 1 Page - TDK Electronics

Part # NL322522T-R12X
Description  SMD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NL322522T-R12X Datasheet(HTML) 1 Page - TDK Electronics

  NL322522T-R12X Datasheet HTML 1Page - TDK Electronics NL322522T-R12X Datasheet HTML 2Page - TDK Electronics NL322522T-R12X Datasheet HTML 3Page - TDK Electronics NL322522T-R12X Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
NL Series NL3225 Type
For General Applications
SMD
FEATURES
• The NL series are available in 5 form factors ranging from 2016
to 5650.
• Utilizing a miniaturized winding structure, these products provide
high Q characteristics.
• Inductance tolerance is ±5 percent.
APPLICATIONS
Personal computers, hard disk drives, and other electronic equip-
ment.
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERING
FLOW SOLDERING
IRON SOLDERING
Perform soldering at 250°C on 30W max. within 5 seconds.
VAPOR-PHASING
FLUX AND CLEANING
Rosin-based flux is recommended.
Cleaning Conditions
PRODUCT IDENTIFICATION
(1)Series name
(2)Dimensions L
×W×T
(3)Packaging style
(4)Inductance value
(5)Inductance tolerance
PACKAGING STYLE AND QUANTITIES
Operating temperature range –20 to +85°C
Storage temperature range
–40 to +85°C [Unit of products]
30s max.
Preheating: 120s
10s max.
100°C
200°C
230°C
150°C
Natural
cooling
Time(s)
Preheating: 120s
10s max.
100°C
260°C
150°C
Natural
cooling
Time(s)
Preheating: 120s
10s max.
100°C
215°C
220°C
150°C
Natural
cooling
30s max.
Time(s)
Solvent
Chlorine-based solvent
(Do not use acid or alkali solvents.)
Time
2min max.
201614
2.1
×1.6×1.4mm
252018
2.5
×2.0×1.8mm
322522
3.2
×2.5×2.2mm
453232
4.5
×3.2×3.2mm
565050
5.6
×5.0×5.0mm
T
Taping (reel)
1R0
1
µH
330
33
µH
J
±5%
K
±10%
Packaging style
Type
Quantity
Taping
NL201614T
2000 pieces/reel
NL252018T
2000 pieces/reel
NL322522T
2000 pieces/reel
NL453232T
500 pieces/reel
NL565050T
400 pieces/reel
NL 201614
T-
2 R 2
J
(1)
(2)
(3)
(4)
(5)


Similar Part No. - NL322522T-R12X

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NL322522T-1R0J TDK-NL322522T-1R0J Datasheet
61Kb / 2P
For General Applications
NL322522T-1R0K TDK-NL322522T-1R0K Datasheet
61Kb / 2P
For General Applications
NL322522T-2R2J TDK-NL322522T-2R2J Datasheet
61Kb / 2P
For General Applications
NL322522T-2R2K TDK-NL322522T-2R2K Datasheet
61Kb / 2P
For General Applications
NL322522T-330J TDK-NL322522T-330J Datasheet
61Kb / 2P
For General Applications
More results

Similar Description - NL322522T-R12X

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEPH205 SUMIDA-CEPH205 Datasheet
58Kb / 1P
SMD
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
SHIELDED SMD SHIELDED SMD
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
SHIELDED SMD SHIELDED SMD
logo
Ningbo Foryard Optoelec...
FYLS-0603YC FORYARD-FYLS-0603YC Datasheet
152Kb / 5P
SMD
FYLS-0603BYW FORYARD-FYLS-0603BYW Datasheet
243Kb / 5P
SMD
FYLS-0603BGW FORYARD-FYLS-0603BGW Datasheet
155Kb / 5P
SMD
logo
Shindengen Electric Mfg...
G1VL24C SHINDENGEN-G1VL24C Datasheet
136Kb / 4P
SMD
KU10R27NS SHINDENGEN-KU10R27NS Datasheet
126Kb / 4P
SMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com