Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATADAPCAN01 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATADAPCAN01
Description  STK500 starter kit, serial cable and power supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATADAPCAN01 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATADAPCAN01 Datasheet HTML 1Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 2Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 3Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 4Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 5Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
AT90CAN128
4330B–CAN–03/04
Connections to
STK500 / STK501
The ATADAPCAN01 module is intended for use with the STK500 and STK501 starter
kits. The STK501 holds the 64-pin TQFP ZIF socket for the AT90CAN128 part, and is a
top-module board for the AVR starter-kit STK500. The ATADAPCAN01 requires con-
nections to the CANTx and CANRx signals on the AVR device, as well as Vcc and GND
connections. The ATADAPCAN01 board can be connected to the starter-kits in one of
three possible ways:
Individual signal wiring to PORTD. Using three 2-wire cables provided with the
STK500 kit, make the following connections:
STK500 PD5 (pin6) to ATADAPCAN01 PORTD pin 6 (CANTx)
STK500 PD6 (pin7) to ATADAPCAN01 PORTD pin 7 (CANRx)
STK500 GND & VTG to ATADAPCAN01 PORTD pins 9 & 10
Flat-cable connection to PORTD. Using a 10-wire flat-cable provided with the
STK500 kit, connect the PORTD header of the STK500 to the PORTD header of the
ATADAPCAN01, as shown in figure 1. Care should be taken to use the correct pin
orientation.
Figure 1. Connecting to the STK500 through a 10-wire flat-cable
Direct mounting onto PORTD. A second PORTD header is routed (but not mounted) on
the ATADAPCAN01 (J8). By attaching a matching 10 pin socket to the underside of the
board, it can be mounted directly onto the STK500 PORTD header. The top-side
PORTD header on the ATADAPCAN01 board can then be used to access other PORTD
pins.
STK-500
ATADAPCAN01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com