Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATADAPCAN01 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATADAPCAN01
Description  STK500 starter kit, serial cable and power supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATADAPCAN01 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATADAPCAN01 Datasheet HTML 1Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 2Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 3Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 4Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 5Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
ATADAPCAN01 - STK501 CAN Extension
The ATADAPCAN01 - STK501 CAN add-on is an extension to the STK500 and
STK501 development boards from Atmel Corporation, adding support for the AVR
AT90CAN128 device in a single development environment.
The AVR AT90CAN128 includes a built-in Controller Area Network (CAN) controller
with all the features required to implement the CAN serial communication protocol in
accordance with the “BOSCH GmbH” CAN specification.
The add-on board provides CAN transceivers, termination options and other features
necessary to seamlessly connect the STK500 development environment to a CAN
bus for application development and debugging.
Requirements
STK500 starter kit, serial cable and power supply
STK501 topmodule to STK500
AVR AT90CAN128 in 64-pin TQFP package
Rev. 4330B-CAN–03/04
CAN
Microcontrollers
Quick Start
Guide


Similar Part No. - ATADAPCAN01

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
Efficiency up to 86%
logo
Pro-Signal
ATA PROSIGNAL-ATA Datasheet
25Kb / 1P
Serial ATA Power Leads
logo
List of Unclassifed Man...
ATA-120 ETC-ATA-120 Datasheet
392Kb / 13P
20W Class D Single Channel Audio Amplifier
logo
ANADIGICS, Inc
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1.5
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
222Kb / 8P
AGC TRANSIMPEDANCE AMPLIFIER
Rev. 1.5
More results

Similar Description - ATADAPCAN01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSTK94 ATMEL-ATSTK94 Datasheet
633Kb / 24P
Starter Kit
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
logo
Assmann Electronics Inc...
AK-SATA-PC-015-R ASSMANN-AK-SATA-PC-015-R Datasheet
84Kb / 1P
Serial ATA Power Supply Cable
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
STK520 is a New Member of the Successful STK500 Starter Kit Family
STK521 ATMEL-STK521 Datasheet
1Mb / 22P
Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
STK501 ATMEL-STK501 Datasheet
1Mb / 29P
STK500 Compatible
logo
List of Unclassifed Man...
32520 ETC2-32520 Datasheet
150Kb / 2P
BlocklyProp Starter Kit
logo
PHOENIX CONTACT
3035991 PHOENIX-3035991 Datasheet
158Kb / 10P
Starter kit - PTME 6-SET POWER
09/12/2020
logo
EnOcean GmbH.
EISKA ENOCEAN-EISKA Datasheet
129Kb / 1P
Starter Kit
February 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com