Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL322522T-R39X Datasheet(PDF) 2 Page - TDK Electronics

Part # NL322522T-R39X
Description  SMD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NL322522T-R39X Datasheet(HTML) 2 Page - TDK Electronics

  NL322522T-R39X Datasheet HTML 1Page - TDK Electronics NL322522T-R39X Datasheet HTML 2Page - TDK Electronics NL322522T-R39X Datasheet HTML 3Page - TDK Electronics NL322522T-R39X Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
NL Series NL3225 Type
For General Applications
SMD
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
∗ X: Please specify the inductance tolerance, K(±10%) or J(±5%)
• Inductance tolerance is only standard.
• Test equipment L, Q: YHP4194A IMPEDANCE ANALYZER (16085A+16093B+TDK TF-1) [L
0.12
µH]
SRF: HP8753C NETWORK ANALYZER
Rdc: MATSUSHITA VP-2941A DIGITAL MILLIOHM METER
Inductance
(µH)
Inductance
tolerance
Q
min.
Test frequency
L, Q (MHz)
Self-resonant
frequency
(MHz)min.
DC resistance
(
Ω)max.
Rated
current
(mA)max.
Part No.
0.01
±10, ±5%
15
100
2500
0.13
450
NL322522T-010X∗
0.012
±10, ±5%
17
100
2300
0.14
450
NL322522T-012X
0.015
±10, ±5%
19
100
2100
0.16
450
NL322522T-015X
0.018
±10, ±5%
21
100
1900
0.18
450
NL322522T-018X
0.022
±10, ±5%
23
100
1700
0.2
450
NL322522T-022X
0.027
±10, ±5%
23
100
1500
0.22
450
NL322522T-027X
0.033
±10, ±5%
25
100
1400
0.24
450
NL322522T-033X
0.039
±10, ±5%
25
100
1300
0.27
450
NL322522T-039X
0.047
±10, ±5%
26
100
1200
0.3
450
NL322522T-047X
0.056
±10, ±5%
26
100
1100
0.33
450
NL322522T-056X
0.068
±10, ±5%
27
100
1000
0.36
450
NL322522T-068X
0.082
±10, ±5%
27
100
900
0.4
450
NL322522T-082X
0.1
±10, ±5%
28
100
700
0.44
450
NL322522T-R10X
0.12
±10, ±5%
30
25.2
500
0.22
450
NL322522T-R12X
0.15
±10, ±5%
30
25.2
450
0.25
450
NL322522T-R15X
0.18
±10, ±5%
30
25.2
400
0.28
450
NL322522T-R18X
0.22
±10, ±5%
30
25.2
350
0.32
450
NL322522T-R22X
0.27
±10, ±5%
30
25.2
320
0.36
450
NL322522T-R27X
0.33
±10, ±5%
30
25.2
300
0.4
450
NL322522T-R33X
0.39
±10, ±5%
30
25.2
250
0.45
450
NL322522T-R39X
0.47
±10, ±5%
30
25.2
220
0.5
450
NL322522T-R47X
0.56
±10, ±5%
30
25.2
180
0.55
450
NL322522T-R56X
0.68
±10, ±5%
30
25.2
160
0.6
450
NL322522T-R68X
0.82
±10, ±5%
30
25.2
140
0.65
450
NL322522T-R82X
1
±5%
30
7.96
120
0.7
400
NL322522T-1R0J
1.2
±5%
30
7.96
100
0.75
390
NL322522T-1R2J
1.5
±5%
30
7.96
85
0.85
370
NL322522T-1R5J
1.8
±5%
30
7.96
80
0.9
350
NL322522T-1R8J
2.2
±5%
30
7.96
75
1
320
NL322522T-2R2J
2.7
±5%
30
7.96
70
1.1
290
NL322522T-2R7J
3.3
±5%
30
7.96
60
1.2
260
NL322522T-3R3J
3.9
±5%
30
7.96
55
1.3
250
NL322522T-3R9J
4.7
±5%
30
7.96
50
1.5
220
NL322522T-4R7J
5.6
±5%
30
7.96
45
1.6
200
NL322522T-5R6J
6.8
±5%
30
7.96
40
1.8
180
NL322522T-6R8J
8.2
±5%
30
7.96
35
2
170
NL322522T-8R2J
10
±5%
30
2.52
30
2.1
150
NL322522T-100J
12
±5%
30
2.52
20
2.5
140
NL322522T-120J
470J
3.2
±0.2
2.5
±0.2
(0.4)
Terminal
electrode
1.9
±0.1 Weight: 50mg
Inductor
Pattern
1
2
1
Dimensions in mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com