Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL322522T-R39X Datasheet(PDF) 4 Page - TDK Electronics

Part # NL322522T-R39X
Description  SMD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NL322522T-R39X Datasheet(HTML) 4 Page - TDK Electronics

  NL322522T-R39X Datasheet HTML 1Page - TDK Electronics NL322522T-R39X Datasheet HTML 2Page - TDK Electronics NL322522T-R39X Datasheet HTML 3Page - TDK Electronics NL322522T-R39X Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
511_NL3225
980330
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
NL Series NL3225 Type
For General Applications
SMD
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
INDUCTANCE CHANGE vs. TEMPERATURE
CHARACTERISTICS
Q vs. FREQUENCY CHARACTERISTICS
0.5
5
10
50
100
500
1000
110
5
100
1000
50
500
Frequency(MHz)
0.1
µH
0.047
µH
0.022
µH
0.01
µH
Test equipment:
RF IMPEDANCE ANALYZER 4191A, YHP
100
µH
220
µH
10
µH
1
µH
Frequency(MHz)
0.1
100
50
1k
10k
5k
500
100k
50k
1
0.5
10
540
4194A IMPEDANCE/GAIN-PHASE
ANALYZER
8.2
µH
33
µH
100
µH
100
µH
3.3
µH
8.2
µH
–40
–20
0
20
40
60
80
Temperature(°C)
Test equipment:
LCR model-4275A, YHP
at 10kHz 1Vrms
5
–5
0.022
µH
0.047
µH
0.1
µH
0.01
µH
0.5
5
10
50
100
500
1000
110
5
100
1000
50
500
Frequency(MHz)
Test equipment:
RF IMPEDANCE ANALYZER 4191A, YHP
0.1
0.05
1
0.5
10
5
Frequency(MHz)
0
20
40
60
80
100
2.2
µH
4.7
µH
10
µH
68
µH
100
µH
220
µH
Test equipment:Q meter model-4343B, YHP
33
µH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com