Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE401 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SE401
Description  USB Video Image Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SE401 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SE401 Datasheet HTML 1Page - List of Unclassifed Manufacturers SE401 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2001 EndPoints Incorporated. All rights reserved. SE401 is a trademark of EndPoints Incorporated. All other product names and trademark and/or registered
trademarks are the property of their respective owners. Revision 3.2 01/01. EndPoints Incorporated reserves the right to change specifications without notice.
SE401 USB Video Image Controller
The SE401 USB Video Imager Controller is
designed to form the core of a low-cost USB video
camera. It is a single chip solution to control the
image sensor and move the image data to the
Universal Serial Bus. The only additional major
components required are the CMOS image sensor
and external DRAM to provide working storage for
the compression engine. With the addition of an
audio codec, the SE401 can also support sound,
enabling a variety of audio and video applications.
The SE401 consists of a central 16-bit processor,
an EndPoints-proprietary compression engine,
masked ROM, a RAM buffer, a clock generator, and
a flexible, extensible series of interfaces. The block
diagram shows one example of the SE401 and its
interfaces. Other variations can be implemented
using external expansion ROM and the SE401’s
General Purpose Input/Output (GPIO) facilities.
Block Diagram
Features
· Video Imager Interface
· Video Compression Engine
· 16-bit Processor
· USB Interface with 4 Endpoints
· SPORT Audio codec interface
· Internal Clock Generation
(requires only low-cost
internal crystal)
· 1.5K X 16 Internal RAM
· 6K X 16 Internal ROM BIOS
· External Memory Interface
· Serial EEPROM Interface
· Built-in UART
· MS Windows 95, 98 and 2000
drivers available
Aox SE401
EndPoints SE 401


Similar Part No. - SE401

ManufacturerPart #DatasheetDescription
logo
COTEK ELECTRONIC IND. C...
SE400 COTEK-SE400 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SE400-112 COTEK-SE400-112 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SE400-124 COTEK-SE400-124 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SE400-148 COTEK-SE400-148 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SE400-212 COTEK-SE400-212 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
More results

Similar Description - SE401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DC1100 ETC-DC1100 Datasheet
323Kb / 3P
USB 2.0 VIDEO CAMERA CONTROLLER
logo
Siemens Semiconductor G...
SDA545X SIEMENS-SDA545X Datasheet
91Kb / 2P
Video Text Controller
logo
List of Unclassifed Man...
TMS9927 ETC-TMS9927 Datasheet
363Kb / 5P
VIDEO TIMER / CONTROLLER
logo
Intel Corporation
82731 INTEL-82731 Datasheet
1Mb / 19P
VIDEO INTERFACE CONTROLLER
logo
Sanyo Semicon Device
LC82293 SANYO-LC82293 Datasheet
197Kb / 2P
Image Memory Controller
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
Video Image Processor
SQ930C ETC1-SQ930C Datasheet
944Kb / 20P
High-Speed USB 2.0 Video Camera Controller
logo
Rohm
BU6520KV ROHM-BU6520KV Datasheet
351Kb / 19P
Video Encoders built-in Image Correction
BU6520KV ROHM-BU6520KV_10 Datasheet
351Kb / 19P
Video Encoders built-in Image Correction
logo
OmniVision Technologies...
OV9712-1D OMNIVISION-OV9712-1D Datasheet
1Mb / 2P
HD video image sensor product brief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com