Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK521 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # STK521
Description  Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK521 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button STK521 Datasheet HTML 10Page - ATMEL Corporation STK521 Datasheet HTML 11Page - ATMEL Corporation STK521 Datasheet HTML 12Page - ATMEL Corporation STK521 Datasheet HTML 13Page - ATMEL Corporation STK521 Datasheet HTML 14Page - ATMEL Corporation STK521 Datasheet HTML 15Page - ATMEL Corporation STK521 Datasheet HTML 16Page - ATMEL Corporation STK521 Datasheet HTML 17Page - ATMEL Corporation STK521 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
STK521 User Guide
3-12
8194B–AVR–01/12
Section 3
Troubleshooting Guide
Table 3-1. Troubleshooting guide.
Problem
Reason
Solution
Unable to do ISP and high-
voltage programming using
Internal 1MHz RC oscillator
Usage of internal 1MHz RC
oscillator not recommended
To start the microcontroller in low power
mode, use the 128KHz oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com