Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK521 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # STK521
Description  Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK521 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button STK521 Datasheet HTML 2Page - ATMEL Corporation STK521 Datasheet HTML 3Page - ATMEL Corporation STK521 Datasheet HTML 4Page - ATMEL Corporation STK521 Datasheet HTML 5Page - ATMEL Corporation STK521 Datasheet HTML 6Page - ATMEL Corporation STK521 Datasheet HTML 7Page - ATMEL Corporation STK521 Datasheet HTML 8Page - ATMEL Corporation STK521 Datasheet HTML 9Page - ATMEL Corporation STK521 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
STK521 User Guide
2-4
8194B–AVR–01/12
2.1.1
Placing an Atmel AT90PWM81 on the Atmel STK521
The STK521 contains a ZIF socket for a SOIC20 package. Care should be taken so that the device is
mounted with the correct orientation. Figure 2-2 shows the location of pin1 for the ZIF socket.
Figure 2-2. Pin1 on ZIF Socket.
Caution: Do not mount an Atmel AT90PWM81 on the STK521 at the same time as an AVR is mounted
on the STK500 board. None of the devices might work as intended.
2.2
Powering the STK521
The STK521 can be powered as follows :
1.
Through the STK500 by selecting POWER switch to VTG.
2.
Through an external power supply using the jack connector and selecting POWER switch to
VEXT.
In this latter case, power supply must be 10V DC for a 5V device power supply.
PIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com