Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F-1ASI Datasheet(PDF) 1 Page - THOR communications

Part # F-1ASI
Description  DVB-ASI Over Fiber Transport
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-1ASI Datasheet(HTML) 1 Page - THOR communications

  F-1ASI Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The F-ASI units are used in various applications for extending ASI and SDI video signals over
singlemode fiber. ASI or SDI fiber optic transport is based on the conversion of the transport streams
digital band to an optical carrier signal which can be broadcast at distances of up to 120 Km. The unit
can be single, duel, or have up to eight independent multiplexed channels. The standard input for the
ASI or SDI inputs is a BNC connector however other connectors may be used if specified. The signal
channels can carry either a DVB-ASI signal or an SD-SDI signal. The signal is modulated onto a single
fiber for transport. The signal is then demultiplexed at the receiver. The F-ASI unit provides up to 8
fully independent DVB-ASI/SDI pipes. We offer both compact and rackmount units. The optical
connections can be configured for SC, SC(APC), ST, or FC connectors. The F-1ASI features easy to
read diagnostic LED's for system and link status.
Typical F-1ASI Application
Technical Specifications
Applications:
SMPTE 259M, SDI or D1
SMPTE 31 OM, MPEG2
SMPTE 305 540 Mbps
HDTV
Video On Demand TS
MPEG Encoder
DVB-ASI
ASI 0.5Mbps – 622Mbps
Optical Wavelength
1310 – 1550 nm FP/DFB
Optical Output Power
6.0 dbm
Optical Budget loss
24 – 32 dB
Optical Return Loss
40 dB
Power Consumption
8 W
Power Connection
110-240 V Auto Sense
Optical Connector
SC/APC or by request
Copper Connections
BNC, 75 ohm
Dimensions (H x W x D)
19in x 11.0in x 1.75in
480mmX225mmX44mm
Weight
0.75 Kg
Operating Temp. (℃)
0 to +50 (℃)
Storage Temp. (℃)
-20 to +70 (℃)
Operating Humidity (%)
0 to 90 %
Storage Humidity (%)
0 to 90 %
Regulatory Compliance
FCC Part 15 Class A
CE, UL, CUL, TUV
The F-1ASI is a copper to fiber media
adapter for both DVB-ASI and SD-SDI
signals. This is our standard asi over
fiber transport unit for the broadband
and broadcast industry.
PN: F-1ASI-T
PN: F-1ASI-R
ASI or SD-SDI INPUT
ASI or SD-SDI OUTPUT
Data Sheet: F-1ASI
DVB-ASI Over Fiber Transport
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467


Similar Part No. - F-1ASI

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-1000U TRIAD-F-1000U Datasheet
219Kb / 3P
Chassis Mount: Single Secondary
F-1000U TRIAD-F-1000U Datasheet
241Kb / 3P
ChassisMount SingleSecondary
F-105Z TRIAD-F-105Z Datasheet
41Kb / 1P
Chassis Mount: Control Transformer
F-106Z TRIAD-F-106Z Datasheet
41Kb / 1P
Chassis Mount: Control Transformer
logo
List of Unclassifed Man...
F-107Z ETC2-F-107Z Datasheet
52Kb / 1P
POWER TRANSFORMER
More results

Similar Description - F-1ASI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C9235 CYPRESS-CY7C9235 Datasheet
119Kb / 7P
SMPTE-259M/DVB-ASI Scrambler/Controller
CY7C9335 CYPRESS-CY7C9335 Datasheet
144Kb / 7P
SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
logo
List of Unclassifed Man...
GS7060 ETC1-GS7060 Datasheet
362Kb / 2P
DVB-ASI Deserializer
logo
Cypress Semiconductor
CY7C9235 CYPRESS-CY7C9235_02 Datasheet
117Kb / 8P
SMPTE-259M/DVB-ASI Scrambler/Controller
CY7C9235A CYPRESS-CY7C9235A Datasheet
100Kb / 8P
SMPTE-259M/DVB-ASI Scrambler/Controller
CY7C9335 CYPRESS-CY7C9335_02 Datasheet
139Kb / 8P
SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
CY7C9335A CYPRESS-CY7C9335A Datasheet
92Kb / 8P
SMPTE-259M/DVB-ASI Descrambler/Framer-Controller
logo
Texas Instruments
LMH0041 TI1-LMH0041 Datasheet
944Kb / 33P
HD, SD, DVB-ASI SDI Deserializer
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
270Mb/s Deserializer for SDI and DVB-ASI
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com