Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F-4GPS Datasheet(PDF) 1 Page - THOR communications

Part # F-4GPS
Description  Industrial 4 Ch GPS Fiber Optic Antenna Extension Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-4GPS Datasheet(HTML) 1 Page - THOR communications

  F-4GPS Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
 
F-4GPS 
4 CH FIBER OPTIC GPS SYSTEM 
Remote GPS Antenna Link 
 
Industrial 4 Ch GPS Fiber Optic Antenna Extension Kit  
Converts four GPS inputs on TNC to four fiber optic cables on SC/APC.  
 
TRANSPORT 4 L-BAND COAX ON 1 FIBER CABLE 
The F­4GPS system from Thor Broadcast is 
designed to support GPS based timing 
systems such as those found on BTS 
controllers or cellular tower control systems. 
The system is based on four independent 
optical transmitter and receiver circuits.  The 
Transmitter and receiver system are both 
housed in 19 in rack enclosures with easy to  
read status LCD displays that indicate the state of all four channels.  Each optical circuit has 
it’s own dedicated fiber to increase reliability through redundancy.  The F­GPS platform can 
be configured to support the needs of specific applications.  The F­4GPS platform provides 
four channels on four fibers, however other configurations can be ordered if given sufficient 
lead time.  Contact a Thor sales representative for more information. 
 
Product Specifications and Information Table 
Transmitter Parameters
   
Optical Power Outputs
   
Optical Wavelength 
1310nm, 1550nm, or CWDM  Laser Rating =    2 mW 
Laser Rating =    4 mW 
Laser Rating =    6 mW 
Laser Rating =  10 mW 
Optical Power Out = 3.0 dBm 
Optical Power Out = 6.0 dBm 
Optical Power Out = 8.0 dBm 
Optical Power Out = 10. dBm 
Standard Wavelengths  
1310nm on 4x SC/APC 
RF Input Inputs 
4x Coax TNC 50Ω 
Return loss 
15 dB Typical 
RF Frequency Response 
1000 ­ 1900 MHz  
Power Consumption 
 
Amplitude Flatness  
1.5 dB Typical 
Power supply 
AC 110 ­ 240 VAC 
RF Connector Type 
TNC, (Or by Request) 
DC input voltage range 
24V~48V  
Input VSWR (50 Ω) 
2.0 : 1 (max) 
Power consumption 
50W±10
% (varies by temp) 
MW/ma@1200 MHz 
0.1 mW/ma  (min)  
Environmental 
 
Receiver Parameters 
 
Working temperature 
­30
~60℃ 
Optical Wavelength 
Matched to Transmitter 
Unit Weight (sea level) 
3.5 kg 
Optical Power Range 
­13 dBm ­ 0 dBm 
Storage temperature 
­40
~85℃ 
RF Frequency Response   
1000 ­ 1900 MHz 
Dimensions 
 
RF Connector Type 
F­Type, (Or by Request) 
Rackmount Enclosure 
482mm×268mm×44mm 
 
Copyright 2015      Thor Broadcast
1-800-521-8467 (Phone)
Sales@ThorFiber.com
 


Similar Part No. - F-4GPS

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-400U TRIAD-F-400U Datasheet
42Kb / 1P
Chassis Mount: Control Transformer
F-401U TRIAD-F-401U Datasheet
219Kb / 3P
Chassis Mount: Single Secondary
F-401U TRIAD-F-401U Datasheet
241Kb / 3P
ChassisMount SingleSecondary
F-401U TRIAD-F-401U_13 Datasheet
43Kb / 1P
Chassis Mount: Single Secondary
F-40X TRIAD-F-40X Datasheet
241Kb / 3P
ChassisMount SingleSecondary
More results

Similar Description - F-4GPS

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
GPA-CG2C5 MITSUMI-GPA-CG2C5 Datasheet
59Kb / 2P
GPS Antenna
GPA-CG2C2 MITSUMI-GPA-CG2C2 Datasheet
58Kb / 2P
GPS Antenna
logo
Glenair, Inc.
GTK1000-A-A GLENAIR-GTK1000-A-A Datasheet
224Kb / 1P
Fiber Optic Testing Kit
187-017 GLENAIR-187-017 Datasheet
788Kb / 2P
Glenair Fiber Optic Termination Kit
187-018 GLENAIR-187-018 Datasheet
217Kb / 1P
Glenair Fiber Optic Termination Kit
logo
Red Lion Controls. Inc
FXFIBER-SC-ST REDLION-FXFIBER-SC-ST Datasheet
1Mb / 2P
Industrial Rated Fiber Optic Transceiverssolutions
logo
Raltron Electronics Cor...
RPA-GP-866.5-P-25-G RALTRON-RPA-GP-866.5-P-25-G Datasheet
177Kb / 2P
GPS ANTENNA
RPA-GP-1575-A-Y RALTRON-RPA-GP-1575-A-Y Datasheet
119Kb / 1P
GPS ANTENNA
RST-GP-A-27-SMA-Y RALTRON-RST-GP-A-27-SMA-Y Datasheet
117Kb / 1P
GPS ANTENNA
logo
Advantech Co., Ltd.
BB-FOSTCDRI ADVANTECH-BB-FOSTCDRI Datasheet
362Kb / 2P
Industrial Serial to Fiber Optic Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com