Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBL-A321 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # ADBL-A321
Description  Optical Finger Navigation Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADBL-A321 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  ADBL-A321 Datasheet HTML 1Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 2Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 3Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 4Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 5Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 6Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 7Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 8Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
PixArt Imaging Inc.
ADBS-A350 General Datasheet
Optical Finger Navigation Chip
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 | 05 Sep 2016 | 11010AEN
ADBS-A350: Optical Finger Navigation Chip
Description
The ADBS-A350 chip is a small form factor (SFF) LED
illuminated optical finger navigation system. It is
designed with low-power architecture and automatic
power management modes, making it ideal for battery-
and power-sensitive applications such as mobile phones.
The ADBS-A350 is capable of high-speed motion
detection– up to 20 ips. In addition, it has an on-chip
oscillator and integrated LED to minimize external
components. The chip is programmed via registers
through either a serial peripheral interface or a two wire
interface port.
It is packaged in a 28 I/O surface mountable package.
There are no moving parts, thus provide high reliability
and less maintenance for the end user. In addition,
precision optical alignment is not required, facilitating
high volume assembly. The ADBS-A350 is designed for
use with ADBL-A321 lens. The ADBL-A321 lens is the
optical component necessary for proper operation of
the chip.
Theory of Operation
The ADBS-A350 is based on Optical Finger Navigation
(OFN) Technology, which measures changes in position
by optically acquiring sequential surface images (frames)
and mathematically determining the direction and
magnitude of movement.
The ADBS-A350 contains an Image Acquisition System
(IAS), a Digital Signal Processor (DSP), and a
communication system. The IAS acquires microscopic
surface images via the lens and illumination system.
These images are processed by the DSP to determine the
direction and distance of motion. The DSP calculates the
Δx and Δy relative displacement values. The host reads
the Δx and Δy information from the chip serial port if a
motion interrupt is published. The microcontroller then
translates the data into cursor navigation, rocker switch,
and scrolling or other system dependent navigation
data.
Features
Low power architecture
Surface mount technology (SMT) device
Self-adjusting power-saving modes for longer battery
life
High speed motion detection up to 20 ips
Self-adjusting frame rate for optimum performance
Motion detect interrupt
Finger detect interrupt
Soft click and Tap detect interrupt
Single Interrupt pin
Optional PWM output for LED illumination
Optional switch input for center click function
Internal oscillator – no clock input needed
Selectable 125, 250, 500, 750, 1000 and 1250 cpi
resolution
Single 1.8 V supply voltage for analog and digital
Internal power up reset (POR)
Selectable Input/Output voltage at 1.8 V or 2.8 V
nominal
4-wire Serial peripheral interface (SPI) or Two-wire
interface (TWI)
Integrated chip-on-board LED with wavelength of
870 nm
Applications
 Finger input devices
 Mobile devices
 Integrated input devices
 Battery-powered input device
Ordering Information
Part Number
Type
ADBS-A350
28-pin SMD
ADBL-A321
Lens
PixArt customers purchasing the ADBS-350 OFN product
are eligible to receive a royalty free license to our US
patents 6977645, 6621483, 6950094, 6172354 and
7289649, for use in their end products.


Similar Part No. - ADBL-A321

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADBL-A321 AVAGO-ADBL-A321 Datasheet
392Kb / 4P
Optical Finger Navigation Lens
More results

Similar Description - ADBL-A321

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADBS-A320 AVAGO-ADBS-A320 Datasheet
1Mb / 55P
Optical Finger Navigation
ADBM-A350 AVAGO-ADBM-A350 Datasheet
542Kb / 55P
Optical Finger Navigation
ADBS-A350 AVAGO-ADBS-A350 Datasheet
990Kb / 60P
Optical Finger Navigation High speed motion detection up to 20 ips
logo
Pixart Imaging Inc.
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
Optical Finger Navigation
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
Optical Finger Navigation
logo
AVAGO TECHNOLOGIES LIMI...
ADBL-A321 AVAGO-ADBL-A321 Datasheet
392Kb / 4P
Optical Finger Navigation Lens
logo
STMicroelectronics
VD5377 STMICROELECTRONICS-VD5377 Datasheet
2Mb / 88P
Ultra-low power motion sensor for optical finger navigation (OFN)
07-Feb-2013
logo
Pixart Imaging Inc.
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
Optical Gaming Navigation Chip
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5700 AVAGO-ADNS-5700 Datasheet
310Kb / 41P
Optical navigation technology
logo
Pixart Imaging Inc.
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
Optical Gaming Navigation Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com