Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBL-A321 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # ADBL-A321
Description  Optical Finger Navigation Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADBL-A321 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  ADBL-A321 Datasheet HTML 1Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 2Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 3Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 4Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 5Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 6Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 7Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 8Page - Pixart Imaging Inc. ADBL-A321 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.0 | 05 Sep 2016 | 11010AEN
PixArt Imaging Inc.
ADBS-A350 General Datasheet
Optical Finger Navigation Chip
ADBS-A350 General Datasheet
Optical Finger Navigation Chip
Overview of Optical Chip Assembly
PixArt Imaging provides an IGES file drawing describing the cover plate molding features.
Chip Assembly
The components interlock as they are mounted onto defined features on the cover plate. The ADBS-A350 chip is
designed for surface mounting on a PCB, looking up. There is an aperture stop and features on the package that
align to the lens.
The lens provides optics for the imaging of the surface as well as illumination of the surface at the optimum angle.
Features on the lens align it to the chip and cover plate. Contamination must be kept away from the lens. During
assembly process, it is recommended to use a minimum of a 10K clean room environment or equivalent laminar
flow workbench.
PCB Assembly Considerations
1. Surface mount the chip and all other electrical components into PCB.
2. Reflow the entire assembly in a no-wash solder process.
3. Remove the protective kapton tape from optical aperture of the chip and LED. Care must be taken to keep
contaminants from entering the aperture. Recommend not to place the PCB facing up during the entire assembly
process. Recommend to hold the PCB first vertically for the kapton removal process.
4. Press fit the lens onto the chip until there is no gap between the lens and chip, with force up to maximum 2.2
kgf. Care must be taken to avoid contaminating or staining the lens. The lens piece has alignment posts which
will mate with the alignment holes on the chip package.
5. Place and secure the optical navigation cover onto the lens to ensure the chip and lens components are always
interlocked to the correct vertical height. The cover design has a foolproof feature to avoid wrong orientation of
the cover.
6. The optical position reference for the PCB is set by the navigation cover and lens.
7. Install device top casing. There MUST be a feature in either top casing or bottom casing to press onto the chip
to ensure the chip and lens components are always interlocked to the correct vertical height.
Figure 3. Recommended PCB PADOUT and spacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com