Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEATBA2A Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LEATBA2A
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEATBA2A Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LEATBA2A Datasheet HTML 3Page - OSRAM GmbH LEATBA2A Datasheet HTML 4Page - OSRAM GmbH LEATBA2A Datasheet HTML 5Page - OSRAM GmbH LEATBA2A Datasheet HTML 6Page - OSRAM GmbH LEATBA2A Datasheet HTML 7Page - OSRAM GmbH LEATBA2A Datasheet HTML 8Page - OSRAM GmbH LEATBA2A Datasheet HTML 9Page - OSRAM GmbH LEATBA2A Datasheet HTML 10Page - OSRAM GmbH LEATBA2A Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LE ATB A2A
2008-12-15
7
Durchlassstrom (amber)
2) Seite 17
Forward Current (amber)
2) page 17
I
F = f (VF); Tboard = 25 °C
Durchlassstrom / (true green / blau)
2) Seite 17
Forward Current (true green / blue)
2) page 17
I
F = f (VF); Tboard = 25 °C
Relative Lichtstärke
) 8) Seite 17
Relative Luminous Intensity
) 8) page 17
Ι
V/ΙV(750 mA (A) / 500 mA (T, B)) = f (IF); Tboard = 25 °C;
t
P=1ms, D=0,0003
Relative Lichtstärke
) Seite 17
Relative Luminous Intensity
) page 17
Ι
V/ΙV(25 °C) = f (Tj); IF = 750 mA (A) / 500 mA (T, B)
OHL02694
1.5
F
V
10
-2
I
F
10
-1
0
10
1
10
5
5
2
2.5
3
3.5
4
V 5
A
OHL02695
2
F
V
I
F
10
-1
2.5
3
3.5
4
4.5
V 5.5
0
10
5
A
3
OHL02495
1
10
F
I
10
-2
V (ref. mA)
I
I
V
5
2
10
3
10
mA
5
10
-1
10
0
5
5
blue
amber
true green
OHL03077
0
T
-40
˚C
-20
0
20
40
60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.6
j
true green
blue
amber
V (25 ˚C)
I
I
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com