Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEATBA2A Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LEATBA2A
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEATBA2A Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LEATBA2A Datasheet HTML 4Page - OSRAM GmbH LEATBA2A Datasheet HTML 5Page - OSRAM GmbH LEATBA2A Datasheet HTML 6Page - OSRAM GmbH LEATBA2A Datasheet HTML 7Page - OSRAM GmbH LEATBA2A Datasheet HTML 8Page - OSRAM GmbH LEATBA2A Datasheet HTML 9Page - OSRAM GmbH LEATBA2A Datasheet HTML 10Page - OSRAM GmbH LEATBA2A Datasheet HTML 11Page - OSRAM GmbH LEATBA2A Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LE ATB A2A
2008-12-15
8
Dominante Wellenlänge
2) Seite 17
Dominant Wavelength
2) page 17
LA
,
λ
dom = f (IF); Tboard = 25 °C
Dominante Wellenlänge
2) Seite 17
Dominant Wavelength
2) page 17
LB
,
λ
dom = f (IF); Tboard = 25 °C
Dominante Wellenlänge
2) Seite 17
Dominant Wavelength
2) page 17
LT
,
λ
dom = f (IF); Tboard = 25 °C
I
OHL01659
616.0
dom
λ
0mA
nm
F
200
400
600
1000
amber
616.5
617.0
617.5
618.0
615.0
615.5
I
OHL01670
461
dom
λ
0mA
nm
F
200
400
600
1000
462
463
464
465
466
467
468
470
blue
I
OHL01671
515
dom
λ
0mA
nm
F
200
400
600
1000
true green
520
525
530
535
540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com