Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega48PB-MN Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATmega48PB-MN
Description  Advanced RISC architecture
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48PB-MN Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATmega48PB-MN Datasheet HTML 16Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 17Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 18Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 19Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 20Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 21Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 22Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 23Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
12.2.
32MS1
DRAWING NO.
REV.
TITLE
GPC
32MS1
A
12/4/13
32MS1, 32-pad 5.0x5.0x0.9 mm Body, 0.50mm pitch, 3.1x3.1
mm Exposed pad, Saw Singulated Thermally Enhanced
Plastic Very-thin Fine pitch, Quad Flat No Lead package
(VFQFN)
ZMF
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
TYP
MAX
NOTE
A
0.80
-
0.90
A1
0.00
-
0.05
A3
0.20 REF
b
0.18
0.25
0.30
2
D
4.90
5.00
5.10
D2
3.00
3.10
3.20
E
4.90
5.00
5.10
E2
3.00
3.10
3.20
e
-
0.50
-
L
0.30
0.40
0.50
K
0.20
-
-
Package Drawing Contact:
packagedrawings@atmel.com
E
2
1
32
PIN 1 ID
C
0.10
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
C
C
0.08
A1
A
C
0.10
E2
e
1
32
Option B
K
(32X)
b
See Option A,B
1
1
PIN # 1 ID
Chamfer
PIN # 1 ID
Notch
NOTE:
1. Refer to JEDEC Drawing MO-220, Variation VHHD-2 (Figure 1/Saw
Singulation)
2. Dimension “b” applies to metalized terminal and is measured between
0.15mm and 0.30mm from the terminal tip. If the terminal has the
optional radius on the other end of the terminal, the dimensions
should not be measured in that radius area.
e/2
Pin 1 Corner
Option A
32
32
(C 0.30)
(R 0.20)
D2
(32X)
L
2X
0.10 C
D
A3
2
Atmel ATmega48PB/88PB/168PB [DATASHEET]
Atmel-42176G-ATmega48PB/88PB/168PB_Datasheet_Summary-03/2016
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com