Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATmega48PB-MN Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATmega48PB-MN
Description  Advanced RISC architecture
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48PB-MN Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATmega48PB-MN Datasheet HTML 17Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 18Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 19Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 20Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 21Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 22Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 23Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 24Page - ATMEL Corporation ATmega48PB-MN Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
13.1.3.
Rev. C
No known errata.
13.1.4.
Rev. D to J
Not sampled.
13.1.5.
Rev. K
No known errata.
13.2.
Errata ATmega88PB
The revision letter in this section refers to the revision of the ATmega88PB device.
13.2.1.
Rev. A
– Wrong device ID when using debugWire
– Power consumption in power save modes
– USART start-up functionality not working
– External capacitor on AREF pin
1.) Wrong device ID when using debugWire
The device ID returned using debugWire is incorrect.
Problem Fix/Workaround
None.
2.) Power consumption in power save modes
Power consumption in power save modes will be higher due to improper control of internal power
management.
Problem Fix/Workaround
None.
3.) USART start-up functionality not working
While in power save modes, the USART start bit detection logic fails to wakeup the device.
Problem Fix/Workaround
None.
4.) External capacitor on AREF pin
If an external capacitor is used on the analog reference pin (AREF), it should be equal to or larger than
100nF. Smaller capacitor value can make the AREF buffer unstable with large ringing which will reduce
the accuracy of the ADC.
Problem Fix/Workaround
None.
13.2.2.
Rev. B
– External capacitor on AREF pin
1.) External capacitor on AREF pin
Atmel ATmega48PB/88PB/168PB [DATASHEET]
Atmel-42176G-ATmega48PB/88PB/168PB_Datasheet_Summary-03/2016
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com