Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1465 Datasheet(PDF) 3 Page - Microchip Technology

Part # AN1465
Description  Digitally Addressable Lighting Interface (DALI) Communication
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1465 Datasheet(HTML) 3 Page - Microchip Technology

  AN1465 Datasheet HTML 1Page - Microchip Technology AN1465 Datasheet HTML 2Page - Microchip Technology AN1465 Datasheet HTML 3Page - Microchip Technology AN1465 Datasheet HTML 4Page - Microchip Technology AN1465 Datasheet HTML 5Page - Microchip Technology AN1465 Datasheet HTML 6Page - Microchip Technology AN1465 Datasheet HTML 7Page - Microchip Technology AN1465 Datasheet HTML 8Page - Microchip Technology AN1465 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2012 Microchip Technology Inc.
DS01465A-page 3
AN1465
FIGURE 4:
ISOLATED COMMUNICATIONS CIRCUIT
FIGURE 5:
ISOLATED COMMUNICATIONS CIRCUIT DIAGRAM
DALI Power Supply Circuits
DALI power supply needs fast response time and
efficient current limiting. This simple circuit works well.
FIGURE 6:
CIRCUIT
DALI Transmission
DALI uses Manchester (bi-phase) encoding to send the
Start bit and the information bits. The information rate
is 1200 bps with an acceptable range of ± 10%. One bit
time is 833.33 µs. The Most Significant bit (MSb) is sent
out first (Figure 7).
DALI TX
330R
R5
1
2
U1
TCLT1000
4
3
R8
1K
R4
120R
Q2
MMBT2222A-TP
+5V
DALI RX
R7
10K
4
3
1
2
U2
TCLT1000
R6
2.2K
D4
MM5Z5V1
BGX 50A E6327
3
D5
1
DALI BUS
(Interrupt Pin)
(Any GPIO)
+12-22V DC
Out DALI+ (D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com