Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1465 Datasheet(PDF) 1 Page - Microchip Technology

Part # AN1465
Description  Digitally Addressable Lighting Interface (DALI) Communication
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1465 Datasheet(HTML) 1 Page - Microchip Technology

  AN1465 Datasheet HTML 1Page - Microchip Technology AN1465 Datasheet HTML 2Page - Microchip Technology AN1465 Datasheet HTML 3Page - Microchip Technology AN1465 Datasheet HTML 4Page - Microchip Technology AN1465 Datasheet HTML 5Page - Microchip Technology AN1465 Datasheet HTML 6Page - Microchip Technology AN1465 Datasheet HTML 7Page - Microchip Technology AN1465 Datasheet HTML 8Page - Microchip Technology AN1465 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2012 Microchip Technology Inc.
DS01465A-page 1
AN1465
The Digitally Addressable Lighting Interface (DALI) has
emerged as a standard in Europe to address growing
power issues, mostly for commercial and industrial
purposes. DALI is part of the IEC 60929 specification,
and relates specifically to digitally controlled dimmable
fluorescent ballasts. DALI type ballasts can run at lower
power levels than standard magnetic ballasts.
Commercial development of DALI started around 1998.
DALI consists of a two-wire serial bus and requires a
special DALI power supply. The Master sends 16-bit
Manchester encoded data packets, and the ballasts
can respond with an 8-bit Manchester encoded data
packet. Multi-Masters are allowed, and two Masters
can share the same ballast. There are 64 channels, or
individual addresses, available for the ballasts to be
connected to one interface line. Each DALI bus can
have 16 groups at the maximum, and there are 16
scenes available. There is no error checking in the
DALI protocol. This application note describes the
basic communication between the control device and
the control gear, which includes explanation of
electrical specifications, timing, packet formats and
Manchester encoding/decoding.
TERMINOLOGY
• Control Gear: Ballast or Sensor/Receiver
• Control Device: Controller/Transmitter
• Forward Frame: Packet sent from the control
device to the control gear
• Backward Frame: Response packet sent from
the control gear to the control device
• Short Address: Address of an individual control
gear in the system
• Group Address: Address to a group of control
gear
• Broadcast: Address used to address all the
control gears at once
• Direct Arc Power: Power level sent to an individ-
ual ballast or sent as a broadcast to all control
gear, to immediately set the lamps to that power
level
PHYSICAL LAYER
Topology
Unlike analog systems, DALI does not require any hard-
wired power circuit control groups. The combination of
individual ballast addressing with digital switching
eliminates vertical switch wiring. DALI has a free-form
layout (Figure 1). Daisy chain, star topology and multi-
drop are all allowed. A combination of two or more
topologies is also allowed.
FIGURE 1:
DALI FREE-FORM LAYOUT
Author:
Shaima Husain
Microchip Technology Inc.
Digitally Addressable Lighting Interface (DALI) Communication


Similar Part No. - AN1465

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1464 STMICROELECTRONICS-AN1464 Datasheet
324Kb / 27P
LOW-COST DOUBLE LI-ION BATTERY CHARGER
10-Sep-2001
logo
Microchip Technology
AN1467 MICROCHIP-AN1467 Datasheet
1Mb / 16P
High-Power CC/CV Battery Charger Using an Inverse SEPIC (Zeta) Topology
11/29/11
More results

Similar Description - AN1465

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
Digitally Addressable DALI Dimming Ballast Reference Design
logo
Gamewell-FCI by Honeywe...
IDU GAMEWELL-FCI-IDU Datasheet
60Kb / 1P
Addressable Interface Unit
CZM-SS GAMEWELL-FCI-CZM-SS Datasheet
226Kb / 4P
Six-Zone Addressable Interface Module
logo
STMicroelectronics
UM1632 STMICROELECTRONICS-UM1632 Datasheet
2Mb / 32P
STM8L DALI slave interface
05-Jun-2014
logo
PHOENIX CONTACT
2897813 PHOENIX-2897813 Datasheet
84Kb / 4P
Communication module - IB IL DALI/PWR-PAC
2897910 PHOENIX-2897910 Datasheet
74Kb / 3P
Communication module - IB IL DALI-PAC
logo
LinkCom Manufacturing C...
DAL015N301NNN0-00G LINKCOM-DAL015N301NNN0-00G Datasheet
214Kb / 3P
DALI Dry Contact Interface
logo
PHOENIX CONTACT
1274016 PHOENIX-1274016 Datasheet
423Kb / 11P
Interface - LUMGATE 277 2DOR/1AO DALI
Nov 16, 2022
1199811 PHOENIX-1199811 Datasheet
320Kb / 8P
Communication module - IB IL DALI MM-V2-PAC
Jan 11, 2023
logo
Mean Well Enterprises C...
DLC-02 MEANWELL-DLC-02_V01 Datasheet
1Mb / 7P
DALI Digital Lighting Controller
2022-11-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com