Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP800 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SDP800
Description  Excellent repeatability, no drift, no offset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP800 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SDP800 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 10Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.sensirion.com
Version 0.5 – January 2017
7/14
5.3.1
Start Continuous Measurement
The sensor measures both the differential pressure and temperature. Both measurement results can be read out through one
single I2C read header.
Continuous measurements can be started up in different configurations by a set of commands.
Command code (Hex) Temperature compensation
Averaging
0x3603
Mass flow
Average till read
0x3608
Mass flow
None - Update rate 0.5ms
0x3615
Differential pressure
Average till read
0x361E
Differential pressure
None - Update rate 0.5ms
After one of the commands has been sent, the chip continuously measures and updates the measurement results. New
results can be read continuously with only an I2C read header. (Measurement) commands must not be sent until the stop
measurement command has been sent.
After the start measurement command is sent:
-
the first measurement result is available after 8ms;.
-
small accuracy deviations (%mv) can occur during the next 12ms.
When no measurement data is yet available the sensor will respond with a NACK to the I2C read header (I2C address + read
bit).
Preceding
command
Consecutive read
Description
continuous
measurement
Byte1: DP 8msb
Byte2: DP 8lsb
Byte3: CRC
Byte4: Temp 8msb
Byte5: Temp 8lsb
Byte6: CRC
Byte7: Scale Factor differential pressure 8msb
Byte8: Scale Factor differential pressure 8lsb
Byte9: CRC
After
a
start
continuous
measurement
commands, the measurement results can be
read out.
The temperature and scale factor don’t need to
be read out (every time). The read sequence
can be aborted by a NACK and a STOP
condition.
5.3.2
Stop Continuous Measurement
Command
Command code (Hex)
Description
Stop continuous
measurement
0x3FF9
This
command
stops
the
continuous
measurement and puts the sensor in idle mode.
It powers off the heater and makes the sensor
receptive to another command.
The Stop command is also required when
switching
between
different
continuous
measurement commands.
When the sensor is in continuous measurement mode, the sensor must be stopped before it can accept another command.
The only exception is the soft reset command as described in section 0.
In idle mode the sensor will consume less power, but consider the sleep mode for most effective energy saving.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com