Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP800 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SDP800
Description  Excellent repeatability, no drift, no offset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP800 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SDP800 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 10Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 11Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.sensirion.com
Version 0.5 – January 2017
8/14
5.3.3
Triggered Measurement
During a triggered measurement the sensor measures both differential pressure and temperature. The measurement starts
directly after the command has been sent. The command needs to be repeated with every measurement.
Command code (Hex) Temperature compensation
Clock stretching
0x3624
Mass flow
0x3726
Mass flow
Yes
0x362F
Differential pressure
0x372D
Differential pressure
Yes
During the 45ms that the sensor is measuring, no command can be sent to the sensor. After the 45ms the result can be read
out and any command can be sent to the sensor.
Monitoring whether or not the sensor is ready with its measurement can be done with the following methods.
Method
Available
Description
Clock stretching
Only for clock
stretching commands
The sensor starts the measurement after the triggered measurement
command with clock stretching. When an I2C read header is sent within
45ms the sensor performs clock stretching after acknowledging the
read header.
When the sensor has finished the measurement, it makes the result
available by releasing the SCL.
Polling
Only for non-clock
stretching commands
In this mode the sensor does not acknowledge (NACK) an I2C read
header as long as no measurement result is available.
When new measurement data is available it can be read out by sending an I2C read header and reading out the data from the
sensor. In the table below the data layout of the results can be found.
Preceding
command
Consecutive read
Description
Triggered
measurement
Byte1: DP 8msb
Byte2: DP 8lsb
Byte3: CRC
Byte4: Temp 8msb
Byte5: Temp 8lsb
Byte6: CRC
Byte7: Scale Factor differential pressure 8msb
Byte8: Scale Factor differential pressure 8lsb
Byte9: CRC
After a triggered measurement command, the
results can be read out when the sensor is
finished with the measurement.
The temperature and scale factor don’t need to
be read out (every time). The read sequence
can be aborted by a NACK and a STOP
condition.
5.3.4
Soft Reset
Command
I2C address + W bit +
command code (Hex)
Consecutive
read
Description
General call
reset
0x0006
NA
This sequence resets the sensor with a separate reset block,
which is as much as possible detached from the rest of the
system on chip.
Note that the I2C address is 0x00, which is the general call
address, and that the command is 8 bit. The reset is
implemented according to the I2C specification.
After the reset command the sensor will take maximum 2ms to reset. During this time the sensor will not acknowledge its
address nor accept commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com