Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8741H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8741H
Description  Satellite sound circuit with noise reduction
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8741H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8741H Datasheet HTML 4Page - NXP Semiconductors TDA8741H Datasheet HTML 5Page - NXP Semiconductors TDA8741H Datasheet HTML 6Page - NXP Semiconductors TDA8741H Datasheet HTML 7Page - NXP Semiconductors TDA8741H Datasheet HTML 8Page - NXP Semiconductors TDA8741H Datasheet HTML 9Page - NXP Semiconductors TDA8741H Datasheet HTML 10Page - NXP Semiconductors TDA8741H Datasheet HTML 11Page - NXP Semiconductors TDA8741H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
October 1994
8
Philips Semiconductors
Product specification
Satellite sound circuit with noise reduction
TDA8741; TDA8741H
NOISE REDUCTION (NR)
The noise reduction can be regarded as an input
level-dependent low-pass filter (adaptive de-emphasis
system) followed by a fixed de-emphasis. With maximum
input level (0 dB) the frequency response of the first part
(i.e. without the fixed de-emphasis) is virtually flat. As the
input level is lowered by x-dB, the higher output
frequencies will be reduced an extra x-dB with respect to
the lower frequencies (1 : 2 expansion).
The NR output signal is fed to pin 36 (32) (left) and pin 32
(28) (right) via an internal resistor.
Fixed de-emphasis is achieved by these resistors and
external capacitors connected to ground. The signals are
DC decoupled via pins 36/35 (32/31) and 32/33 (28/29)
and then routed to the output selectors.
OUTPUT SELECTION
With the output selector (see Table 1) the outputs at
pins 25 and 24 (21 and 20) can be switched to the different
channels. Both outputs can be switched to both secondary
channels, to the main channel and to the external inputs at
pin 28 and 27 (24 and 23) for IC chaining purposes.
Pin 23 (19) is a separate output which delivers the main
channel only, thereby creating the possibility of having
three different output channels simultaneously e.g. for use
in hi-fi VCRs.
The outputs at pins 25 and 24 (21 and 20) can be muted
by setting the MUTE signal at pin 13 (8) to logic 1 (switch
positions 6 and 7).
The output at pin 23 (19) can be muted by setting the
MUTE signal and the EXT/INT signal at pin 26 (22) both
logic 1 (switch position 7).
All outputs at pins 23, 24 and 25 (19, 20 and 21) are line
drivers with SCART level capability and are short-circuit
protected by 125
Ω output resistors.
Output level of all channels =
−6 dBV typical when
frequency deviation of FM signal is 54% of maximum
frequency deviation (i.e. 0.54
× 85 kHz = 46 kHz for the
main channel and 0.54
× 50 kHz = 27 kHz for the
secondary channels) at 1 kHz modulation frequency
(reference level).
ABBREVIATIONS
fMOD = modulating frequency.
∆fM = frequency deviation of the main Channel.
∆fS1 = frequency deviation of secondary Channel 1 (left).
∆fS2 = frequency deviation of secondary Channel 2 (right).
fOM = carrier frequency of main Channel.
fOS1 = carrier frequency of secondary Channel 1.
fOS2 = carrier frequency of secondary Channel 2.
LPF = Low-Pass Filter.
NR = Noise Reduction.
PLL = Phase-Locked-Loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com