Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8741H Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8741H
Description  Satellite sound circuit with noise reduction
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8741H Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8741H Datasheet HTML 9Page - NXP Semiconductors TDA8741H Datasheet HTML 10Page - NXP Semiconductors TDA8741H Datasheet HTML 11Page - NXP Semiconductors TDA8741H Datasheet HTML 12Page - NXP Semiconductors TDA8741H Datasheet HTML 13Page - NXP Semiconductors TDA8741H Datasheet HTML 14Page - NXP Semiconductors TDA8741H Datasheet HTML 15Page - NXP Semiconductors TDA8741H Datasheet HTML 16Page - NXP Semiconductors TDA8741H Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
October 1994
13
Philips Semiconductors
Product specification
Satellite sound circuit with noise reduction
TDA8741; TDA8741H
Notes to the AC characteristics
1. At pin 20 (16) the demodulated 1 kHz signal should be present with a typical level of 158 mV (RMS) (
−16 dBV), and
THD of maximum 0.5%; VP = 8 to 13.2 V; Tamb = −20 to +70 °C.
2. Modulation of main channel is OFF; modulation of secondary channels is ON.
3. The electrolytic capacitors at pins 40 and 42 (36 and 38) are removed and 1500 pF capacitors between pin 40 (36)
and ground and between pin 42 (38) and ground are connected. At pins 40 and 42 (36 and 38) the demodulated
1 kHz signals should be present with typical levels of 9 mV (RMS) and THD of maximum 0.5%; VP = 8 to 3.2 V;
Tamb = −20 to +70 °C.
4. All PLLs locked; RS1 =RS2 = 0.68 kΩ.
5. Modulation of secondary channel being measured and main channel is OFF; modulation of other secondary channel
is ON.
6. Modulation of main channel is ON; modulation of secondary channels is OFF.
7. Measured at pins 38 (34) (left) and 30 (26) (right) and no electrolytic capacitors connected to these pins.
Table 1
Truth table for output selection (note 1)
Note
1. X = don’t care.
SWITCH
POSITION
STATE
PIN 15 (10)
PIN 17 (13)
PIN 26 (22)
PIN 13 (8)
OUTSEL L
OUTSEL R
EXT/INT
MUTE
1
stereo
1100
2
left
1000
3
right
0100
4
main
0000
5
external
X
X
1
0
6
mute secondary
X
X
0
1
7
mute all
X
X
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com