Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS8520 Datasheet(PDF) 26 Page - Semtech Corporation

Part # ACS8520
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8520 Datasheet(HTML) 26 Page - Semtech Corporation

Back Button ACS8520 Datasheet HTML 22Page - Semtech Corporation ACS8520 Datasheet HTML 23Page - Semtech Corporation ACS8520 Datasheet HTML 24Page - Semtech Corporation ACS8520 Datasheet HTML 25Page - Semtech Corporation ACS8520 Datasheet HTML 26Page - Semtech Corporation ACS8520 Datasheet HTML 27Page - Semtech Corporation ACS8520 Datasheet HTML 28Page - Semtech Corporation ACS8520 Datasheet HTML 29Page - Semtech Corporation ACS8520 Datasheet HTML 30Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 150 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.01/October 2003 © Semtech Corp.
Page 26
www.semtech.com
ACS8520 SETS
reference switch, and maintain the current phase offset.
If PBO is disabled while the device is in the Locked mode,
there may be a phase shift on the output SEC clocks as
the DPLL locks back to 0 degrees phase error. The rate of
phase shift will depend on the programmed bandwidth.
Enabling PBO whilst in the Locked stated will also trigger
a PBO event.
PBO Phase Offset
In order to minimize the systematic (average) phase error
for PBO, a PBO Phase Offset can be programmed in
0.101 ns steps in the cnfg_phase_offset_pbo register,
Reg.72. The range of the programmable PBO phase offset
is restricted to ±1.4 ns. This can be used to eliminate an
accumulation of phase shifts in one direction.
Input to Output Phase Adjustment
When PBO is off (including Auto-PBO on phase transients),
such that the system always tries to align the outputs to
the inputs at the 0° position, there is a mechanism
provided in the ACS8520 for precise fine tuning of the
output phase position with respect to the input. This can
be used to compensate for circuit and board wiring
delays. The output phase can be adjusted in 6 ps steps up
to 200 ns in a positive or negative direction. The phase
adjustment actually changes the phase position of the
feedback clock so that the DPLL adjusts the output clock
phases to compensate. The rate of change of phase is
therefore related to the DPLL bandwidth. For the DPLL to
track large instant changes in phase, either Lock8k mode
should be on, or the coarse phase detector should be
enabled. Register cnfg_phase_offset at Reg. 70 and 71
controls the output phase, which is only used when Phase
Build-out is off (Reg. 48, Bit 2 = 0 and Reg. 76, Bit 4 =0).
Input Wander and Jitter Tolerance
The ACS8520 is compliant to the requirements of all
relevant standards, principally ITU Recommendation
G.825[15], ANSI DS1.101-1999[1], Telcordia GR1244,
GR253, G812, G813 and ETS 300 462-5 (1997).
All reference clock inputs have a tight frequency tolerance
but a generous jitter tolerance. Pull-in, hold-in and pull-out
ranges are specified in Table 8. Minimum jitter tolerance
masks are specified in Figures 9 and 10, and Tables 8
and 10, respectively. The ACS8520 will tolerate wander
and jitter components greater than those shown in
Figure 9 and Figure 10, up to a limit determined by a
combination of the apparent long-term frequency offset
caused by wander and the eye-closure caused by jitter
(the input source will be rejected if the offset pushes the
frequency outside the hold-in range for long enough to be
detected, whilst the signal will also be rejected if the eye
closes sufficiently to affect the signal purity). Either the
Lock8k mode, or one of the extended phase capture
ranges should be engaged for high jitter tolerance
according to these masks.
All reference clock ports are monitored for quality,
including frequency offset and general activity. Single
short-term interruptions in selected reference clocks may
not cause re- arrangements, whilst longer interruptions,
or multiple, short-term interruptions, will cause re-
arrangements, as will frequency offsets which are
sufficiently large or sufficiently long to cause loss-of-lock
in the phase-locked loop. The failed reference source will
be removed from the priority table and declared as
unserviceable, until its perceived quality has been
restored to an acceptable level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com