Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6104 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6104
Description  Quad Gray Scale Current Feedback Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6104 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6104 Datasheet HTML 1Page - National Semiconductor (TI) LM6104 Datasheet HTML 2Page - National Semiconductor (TI) LM6104 Datasheet HTML 3Page - National Semiconductor (TI) LM6104 Datasheet HTML 4Page - National Semiconductor (TI) LM6104 Datasheet HTML 5Page - National Semiconductor (TI) LM6104 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Applications Information
CURRENT FEEDBACK TOPOLOGY
The small-signal bandwidth of conventional voltage feed-
back amplifiers is inversely proportional to the closed-loop
gain based on the gain-bandwidth concept In contrast the
current feedback amplifier topology such as the LM6104
enables a signal bandwidth that is relatively independent of
the amplifier’s gain (see typical curve Frequency Response
vs Closed Loop Gain)
FEEDBACK RESISTOR SELECTION RF
Current feedback amplifier bandwidth and slew rate are
controlled by RF RF and the amplifier’s internal compensa-
tion capacitor set the dominant pole in the frequency re-
sponse The amplifier therefore always requires a feed-
back resistor even in unity gain
Bandwidth and slew rate are inversely proportional to the
value of RF (see typical curve Frequency Response vs RF)
This makes the amplifier especially easy to compensate for
a desired pulse response (see typical curve Large Signal
Pulse Response) Increased capacitive load driving capabili-
ty is also achieved by increasing the value of RF
The LM6104 has guaranteed performance with a feedback
resistor of 2 kX
CAPACITIVE FEEDBACK
It is common to place a small lead capacitor in parallel with
feedback resistance to compensate voltage feedback am-
plifiers Do not place a capacitor across RF to limit the band-
width of current feedback amplifiers The dynamic imped-
ance of capacitors in the feedback path of the LM6104 as
with any current feedback amplifier will cause instability
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com