Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6104 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6104
Description  Quad Gray Scale Current Feedback Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6104 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6104 Datasheet HTML 1Page - National Semiconductor (TI) LM6104 Datasheet HTML 2Page - National Semiconductor (TI) LM6104 Datasheet HTML 3Page - National Semiconductor (TI) LM6104 Datasheet HTML 4Page - National Semiconductor (TI) LM6104 Datasheet HTML 5Page - National Semiconductor (TI) LM6104 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH11979
June 1994
LM6104
Quad Gray Scale Current Feedback Amplifier
General Description
The LM6104 quad amplifier meets the requirements of bat-
tery operated liquid crystal displays by providing high speed
while maintaining low power consumption
Combining this high speed with high integration
the
LM6104 conserves valuable board space in portable sys-
tems with a cost effective surface mount quad package
Built on National’s advanced high speed VIPTM (Vertically
Integrated PNP) process the LM6104 current feedback ar-
chitecture is easily compensated for speed and loading con-
ditions These features make the LM6104 ideal for buffering
grey levels in liquid crystal displays
Features (Typical unless otherwise noted)
Y
Low power
IS e 875 mAamplifier
Y
Slew rate
100V ms
Y
b
3dB bandwidth (RF e 1kX)
30 MHz
Y
High output drive
g
5V into 100X
Y
Wide operating range
VS e 5V to g12V
Y
High integration
Quad surface mount
Applications
Y
Grey level buffer for liquid crystal displays
Y
Column buffer for portable LCDs
Y
Video distribution amplifiers video line drivers
Y
Hand-held high speed signal conditioning
Typical Application
LCD Buffer Application for Grey Levels
TLH11979 – 1
Connection Diagram
TLH11979 – 2
Order Number LM6104M
See NS Package Number M14A
VIPTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM6104

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM61089A LEIDITECH-LM61089A Datasheet
413Kb / 5P
LM61089A is especially designed to protect monolithic SLIC(subscriber line interfaces circuits) against transient overvoltages.
LM61089B LEIDITECH-LM61089B Datasheet
837Kb / 6P
Dual programmable transient suppressor
LM61089H LEIDITECH-LM61089H Datasheet
659Kb / 6P
Dual programmable transient suppressor.
LM61089L LEIDITECH-LM61089L Datasheet
695Kb / 6P
Dual programmable transient suppressor.
LM61089Q LEIDITECH-LM61089Q Datasheet
798Kb / 6P
Quad programmable transient suppressor
More results

Similar Description - LM6104

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
Quad, 125MHz Video Current Feedback Amplifier
September 1998
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
High Speed, Current Feedback Quad Operational Amplifier
logo
Intersil Corporation
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
High Speed, Current Feedback Quad Operational Amplifier
logo
Intersil Corporation
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Linear Technology
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Texas Instruments
OPA4684 TI1-OPA4684 Datasheet
1Mb / 33P
Quad, Low-Power, Current-Feedback Operational Amplifier
logo
Renesas Technology Corp
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com