Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C970 Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 68Page - Advanced Micro Devices AM79C970 Datasheet HTML 69Page - Advanced Micro Devices AM79C970 Datasheet HTML 70Page - Advanced Micro Devices AM79C970 Datasheet HTML 71Page - Advanced Micro Devices AM79C970 Datasheet HTML 72Page - Advanced Micro Devices AM79C970 Datasheet HTML 73Page - Advanced Micro Devices AM79C970 Datasheet HTML 74Page - Advanced Micro Devices AM79C970 Datasheet HTML 75Page - Advanced Micro Devices AM79C970 Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 168 page
background image
P R E L I M I N A R Y
AMD
1-939
Am79C970
The 544 bit count is derived from the following:
Minimum frame
size (excluding
preamble,
including FCS)
64
bytes
512
bits
Preamble/SFD size
8
bytes
64
bits
FCS size
4
bytes
32
bits
To be classed as a minimum size frame at the receiver,
the transmitted frame must contain:
Preamble + (Min Frame Size + FCS) bits
At the point that FCS is to be appended, the transmitted
frame should contain:
Preamble + (Min Frame Size – FCS) bits
64 + (512 – 32) bits
A minimum length transmit frame from the PCnet-PCI
controller will therefore be 576 bits, after the FCS is
appended.
The Ethernet specification assumes that minimum
length messages will be at least 64 bytes in length.
Transmit FCS Generation
Automatic generation and transmission of FCS for a
transmit frame depends on the value of DXMTFCS bit in
CSR15. When DXMTFCS = 0 the transmitter will gener-
ate and append the FCS to the transmitted frame. If the
automatic padding feature is invoked (APAD_XMT is
set in CSR4), the FCS will be appended by the PCnet-
PCI controller regardless of the state of DXMTFCS.
Note that the calculated FCS is transmitted most signifi-
cant bit first. The default value of DXMTFCS is 0 after
H_RESET.
Transmit Exception Conditions
Exception conditions for frame transmission fall into two
distinct categories. Those which are the result of normal
network operation, and those which occur due to abnor-
mal network and/or host related events.
Normal events which may occur and which are handled
autonomously by the PCnet-PCI controller include colli-
sions within the slot time with automatic retry. The
PCnet-PCI controller will ensure that collisions which
occur within 512 bit times from the start of transmission
(including preamble) will be automatically retried with no
host intervention. The transmit FIFO ensures this by
guaranteeing that data contained within the FIFO will
not be overwritten until at least 64 bytes (512 bits) of pre-
amble plus address, length and data fields have been
transmitted onto the network without encountering
a collision.
If 16 total attempts (initial attempt plus 15 retries) fail, the
PCnet-PCI controller sets the RTRY bit in the current
transmit TDTE in host memory (TMD2), gives up owner-
ship (resets the OWN bit to ZERO) for this frame, and
processes the next frame in the transmit ring for
transmission.
Abnormal network conditions include:
Loss of carrier.
Late collision.
SQE Test Error. (does not apply to 10BASE-T port)
These should not occur on a correctly configured 802.3
network, and will be reported if they do.
When an error occurs in the middle of a multi-buffer
frame transmission, the error status will be written in the
current descriptor. The OWN bit(s) in the subsequent
descriptor(s) will be reset until the STP (the next frame)
is found.
Loss of Carrier
A loss of carrier condition will be reported if the PCnet-
PCI controller cannot observe receive activity whilst it is
transmitting on the AUI port. After the PCnet-PCI con-
troller initiates a transmission it will expect to see data
“looped-back” on the DI
± pair. This will internally gener-
ate a “carrier sense”, indicating that the integrity of the
data path to and from the MAU is intact, and that the
MAU is operating correctly. This “carrier sense” signal
must be asserted about 6 bit times before the last trans-
mitted bit on DO
±. If “carrier sense” does not become
active in response to the data transmission, or becomes
inactive before the end of transmission, the loss of car-
rier (LCAR) error bit will be set in TMD2 after the frame
has been transmitted. The frame will not be re-tried on
the basis of an LCAR error.
When the 10BASE-T port is selected, LCAR will be re-
ported for every packet transmitted during the Link
fail condition.
Late Collision
A late collision will be reported if a collision condition oc-
curs after one slot time (512 bit times) after the transmit
process was initiated (first bit of preamble commenced).
The PCnet-PCI controller will abandon the transmit
process for the particular frame, set Late Collision
(LCOL) in the associated TMD2, and process the next
transmit frame in the ring. Frames experiencing a late
collision will not be re-tried. Recovery from this condition
must be performed by upper layer software.
SQE Test Error
During the inter packet gap time following the comple-
tion of a transmitted message, the AUI CI
± pair is as-
serted by some transceivers as a self-test. The integral
Manchester Encoder/Decoder will expect the SQE Test
Message (nominal 10 MHz sequence) to be returned via
the CI
± pair, within a 40 network bit time period after DI±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com