Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C970 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM79C970 Datasheet HTML 1Page - Advanced Micro Devices AM79C970 Datasheet HTML 2Page - Advanced Micro Devices AM79C970 Datasheet HTML 3Page - Advanced Micro Devices AM79C970 Datasheet HTML 4Page - Advanced Micro Devices AM79C970 Datasheet HTML 5Page - Advanced Micro Devices AM79C970 Datasheet HTML 6Page - Advanced Micro Devices AM79C970 Datasheet HTML 7Page - Advanced Micro Devices AM79C970 Datasheet HTML 8Page - Advanced Micro Devices AM79C970 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 168 page
background image
P R E L I M I N A R Y
AMD
1-869
Am79C970
controllers in the PCnet Family, including the PCnet-ISA
controller (Am79C960), the PCnet-ISA+ controller
(Am79C961),
and
the
PCnet-32
controller
(Am79C965). The buffer management unit supports the
LANCE, ILACC, and PCnet descriptor software models.
The PCnet-PCI controller is software compatible with
the Novell NE2100 and NE1500 Ethernet adapter card
architectures. In addition, a Sleep function has been in-
corporated to provide low standby current, excellent for
notebooks and Green PCs.
The 32-bit multiplexed bus interface unit provides a di-
rect interface to the PCI local bus applications, simplify-
ing the design of an Ethernet node in a PC system. With
its built-in support for both little and big endian byte
alignment, this controller also addresses proprietary
non-PC applications.
The PCnet-PCI controller supports auto configuration in
the PCI configuration space. Additional PCnet-PCI
controller configuration parameters, including the
unique IEEE physical address, can be read from an ex-
ternal non-volatile memory (serial EEPROM) immedi-
ately following system RESET.
The controller also has the capability to automatically
select either the AUI port or the Twisted-Pair trans-
ceiver. Only one interface is active at any one time. The
individual transmit and receive FIFOs optimize system
overhead, providing sufficient latency during frame
transmission and reception, and minimizing intervention
during normal network error recovery. The integrated
Manchester encoder/decoder (MENDEC) eliminates
the need for an external Serial Interface Adapter (SIA) in
the system. In addition, the device provides program-
mable on-chip LED drivers for transmit, receive, colli-
sion, receive polarity, link integrity or jabber status.
BLOCK DIAGRAM
Buffer
Management
Unit
FIFO
Control
Microwire
and LED
Control
PCI Bus
Interface
Unit
802.3
MAC
Core
Manchester
Encoder/
Decoder
(PLS) &
AUI Port
10BASE-T
MAU
XTAL1
DO+/-
CI+/-
DI+/-
RXD+/-
TXD+/-
TXP+/-
XTAL2
Rcv
FIFO
Xmt
FIFO
CLK
PAR
FRAME
C/
BE[3:0]
TRDY
IRDY
LOCK
IDSEL
DEVSEL
REQ
GNT
PERR
SERR
INTA
STOP
AD[31:00]
RST
NOUT
LNKST/EEDI
EECS
EESK/
LED1
EEDO/
LED3
18220C-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com