Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C970 Datasheet(PDF) 105 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 105 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 101Page - Advanced Micro Devices AM79C970 Datasheet HTML 102Page - Advanced Micro Devices AM79C970 Datasheet HTML 103Page - Advanced Micro Devices AM79C970 Datasheet HTML 104Page - Advanced Micro Devices AM79C970 Datasheet HTML 105Page - Advanced Micro Devices AM79C970 Datasheet HTML 106Page - Advanced Micro Devices AM79C970 Datasheet HTML 107Page - Advanced Micro Devices AM79C970 Datasheet HTML 108Page - Advanced Micro Devices AM79C970 Datasheet HTML 109Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 168 page
background image
AMD
P R E L I M I N A R Y
1-972
Am79C970
Combinations of watermark set-
tings and LINBC (BCR18, bits
2–0) settings must obey the
following relationship:
watermark (in bytes)
≥
LINBC (in bytes)
Combinations of watermark and
LINBC settings that violate this
rule
may
cause
unexpected
behavior.
7–0 DMATC[7:0]
DMA Transfer Counter. This
counter contains the maximum
allowable number of transfers to
system memory that the Bus In-
terface Unit will perform during a
single bus mastership period.
The DMA Transfer Counter is not
used to limit the number of trans-
fers during Descriptor transfers.
A value of ZERO will be inter-
preted as one transfer. During
H_RESET or S_RESET a value
of 16 is loaded in the DMA Trans-
fer
Counter.
The
value
of
DMATC is unaffected by the as-
sertion of the STOP bit. If the
DMAPLUS bit in CSR4 is set the
DMA Transfer Counter is dis-
abled.
When the DMA Transfer Counter
times out in the middle of a linear
burst, the linear burst will con-
tinue until a legal starting ad-
dress is reached, and then the
PCnet-PCI controller will relin-
quish the bus.
Therefore, if linear bursting is en-
abled, and the user wishes the
PCnet-PCI controller to limit bus
activity to desired_max transfers,
then the DMA Transfer Counter
should be programmed to a value
of:
DMA
Transfer
Counter =
(desired_max DIV
(length of burst in
transfers)) x length
of burst in transfers
where DIV is the operation that
yields the INTEGER portion of
the
÷ operation.
Read/write accessible only when
the STOP bit is set.
CSR82: Bus Activity Timer
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 DMABAT
Bus Activity Timer Register. If the
TIMER bit in CSR4 is set, this
register contains the maximum
allowable time that PCnet-PCI
controller will take up on the sys-
tem bus during FIFO data trans-
fers for a single DMA cycle. The
Bus Activity Timer Register does
not limit the number of transfers
during Descriptor transfers.
The DMABAT value is inter-
preted as an unsigned number
with a resolution of 0.1
µs. For in-
stance, a value of 51
µs would be
programmed with a value of 510.
If the TIMER bit in CSR4 is set,
DMABAT is enabled and must be
initialized
by
the
user.
The
DMABAT register is undefined
until written.
If the user has NOT enabled the
Linear Burst function and wishes
the PCnet-PCI controller to limit
bus activity to MAX_TIME micro-
seconds, then the Burst Timer
should be programmed to a value
of:
MAX_TIME– ((11 + 4w) x
(CLK period))
where w = wait states
If the user has enabled the Linear
Burst function and wishes the
PCnet-PCI controller to limit bus
activity to MAX_TIME microsec-
onds, then the Burst Timer
should be programmed to a value
of:
MAX_TIME– (((3+lbs) x w +
10 + lbs) x (CLK period))
where w = wait states and lbs =
linear burst size in number of
transfers per sequence
This is because the PCnet-PCI
controller may use as much as
one linear burst size plus three
transfers in order to complete the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com