Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDNS-3988 Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # SDNS-3988
Description  High Performance Gaming Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

SDNS-3988 Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button SDNS-3988 Datasheet HTML 2Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 3Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 4Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 5Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 6Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 7Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 8Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 9Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 10Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
__________________________________________________________________________________________________________________________
All rights rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc. Confidential
8
DC Electrical Specifications
Electrical Characteristics over recommended operating conditions. (Typical values at 25 ° C, VDD3 = 2.8 V, VDDIO = 2.8V, VDD1_8 = 1.8 V)
Parameter
Symbol
Minimum
Typical
Maximum Units Notes
DC Supply Current
IDD_RUN3k
14
mA
Average current, including 10mA LED
current. No load on MISO, MOTION.
RUN3k = run mode at 3000fps
RUN7k = run mode at 7000fps
RUN12k = run mode at 12500fps
IDD_RUN7k
26
mA
IDD_RUN12k
38
mA
IDD_REST1
0.30
mA
IDD_REST2
0.15
mA
IDD_REST3
0.08
mA
Peak Supply Current
IDDPP
65
mA
Shutdown Supply Current
IDDSTDWN
65
μA
NCS, SCLK, MOSI = VDDIO
MISO = GND
Input Low Voltage
VIL
0.3 * VDDIO
V
SCLK, MOSI, NCS
Input High Voltage
VIH
0.7 * VDDIO
V
SCLK, MOSI, NCS
Input Hysteresis
VI_HYS
100
mV
SCLK, MOSI, NCS
Input Leakage Current
Ileak
1
10
A
Vin = 0.7*VDDIO , SCLK, MOSI, NCS
Output Low Voltage, MISO,
MOTION
VOL
0.3 * VDDIO
V
Iout = 1mA, MISO, MOTION
Output High Voltage, MISO,
MOTION
VOH
0.7 * VDDIO
V
Iout = -1mA, MISO, MOTION
Input Capacitance
Cin
10
pF
MOSI, NCS, SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com