Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDNS-3988 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # SDNS-3988
Description  High Performance Gaming Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

SDNS-3988 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button SDNS-3988 Datasheet HTML 2Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 3Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 4Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 5Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 6Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 7Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 8Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 9Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 10Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
__________________________________________________________________________________________________________________________
All rights rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc. Confidential
10
Address
Register
Read/Write
Default Value
0x30-0x38
Reserved
0x39
Configuration_IV
R/W
0x00
0x3a
Power_Up_Reset
W
NA
0x3b
Shutdown
W
NA
0x3c-0x3e
Reserved
0x3f
Inverse_Product_ID
R
0xc2
0x40-0x41
Reserved
0x42
Snap_Angle
R/W
0x06
0x43-0x46
Reserved
0x47
Sensor_Mode
R/W
0x01
0x48-0x4f
Reserved
0x50
Motion_Burst
R
0x00
0x51-0x63
Reserved
0x54
Filter_Configuration
R/W
0x80
0x55-0x58
Reserved
0x59
VFR_Shutter_Max_Bound_Lower
W
NA
0x5a
VFR_Shutter_Max_Bound_Upper
W
NA
0x5b
Reserved
0x5c
ManCal_Configuration
R/W
0x00
0x5d
ManCal_Min_Squal
R
NA
0x5e
ManCal_Max_Shutter_Lower
R
NA
0x5f
ManCal_ Max_Shutter_Upper
R
NA
0x60-0x61
Reserved
0x62
SROM_Load_Burst
W
NA
0x63
Reserved
0x64
Pixel_Burst
R
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com