Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5270IPFP Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5270IPFP
Description  8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5270IPFP Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS5270IPFP Datasheet HTML 1Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 2Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 3Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 4Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 5Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 6Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 7Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 8Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ADS5270
SBAS293D − JANUARY 2004 − REVISED MAY 2004
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage Range, AVDD
−0.3V to 3.8V
. . . . . . . . . . . . . . . . . .
Supply Voltage Range, LVDD
−0.3V to 3.8V
. . . . . . . . . . . . . . . . . .
Voltage Between AVSS and LVSS
−0.3V to 0.3V
. . . . . . . . . . . . . .
Voltage Between AVDD and LVDD
−0.3V to 0.3V
. . . . . . . . . . . . . .
Voltages Applied to External REF Pins
−0.3V to 2.4V
. . . . . . . . . .
All LVDS Data and Clock Outputs
−0.3V to 2.4V
. . . . . . . . . . . . . .
Analog Input Pins
−0.3V to 2.7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Total Input Current (all inputs)
−30mA
. . . . . . . . . . . . . . . . . . .
Operating Free-Air Temperature Range, TA
−40
°C to 85°C
. . . . . .
Lead Temperature 1.6mm (1/16
″ from case for 10s)
220
°C
. . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
ADS5270
HTQFP-80(2)
PFP
−40
°C to +85°C
ADS5270IPFP
ADS5270IPFP
Tray, 96
″
″
″
″
″
ADS5270IPFPT
Tape and Reel, 250
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
(2) Thermal pad size: 4.69mm x 4.69mm (min), 6.20mm x 6.20mm (max).
RELATED PRODUCTS
MODEL
RESOLUTION (BITS)
SAMPLE RATE (MSPS)
CHANNELS
ADS5271
12
50
8
ADS5272
12
65
8
ADS5273
12
70
8
ADS5275
10
40
8
ADS5276
10
50
8
ADS5277
10
65
8
RECOMMENDED OPERATING CONDITIONS
ADS5270
MIN
TYP
MAX
UNIT
SUPPLIES AND REFERENCES
Analog Supply Voltage, AVDD
3.0
3.3
3.6
V
Output Driver Supply Voltage, LVDD
3.0
3.3
3.6
V
CLOCK INPUT AND OUTPUTS
ADCLK Input Sample Rate (low-voltage TTL)
20
40
MSPS
Low Level Voltage Clock Input
0.6
V
High Level Voltage Clock Input
VDD − 0.6
V
ADCLKP and ADCLKN Outputs (LVDS)
20
40
MHz
LCLKP and LCLKN Outputs (LVDS)(1)
120
240
MHz
Operating Free-Air Temperature, TA
−40
+85
°C
Thermal Characteristics
qJA
21
°C/W
qJC
68
°C/W
(1) 6 × ADCLK.
REFERENCE SELECTION
MODE
INT/EXT
DESCRIPTION
2.0VPP Internal Reference
1
Default with internal pull-up.
External Reference
0
Internal reference is powered down. Common mode of external reference should be within
50mV of VCM. VCM is derived from the internal bandgap voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com