Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5270IPFP Datasheet(PDF) 13 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5270IPFP
Description  8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5270IPFP Datasheet(HTML) 13 Page - Burr-Brown (TI)

Back Button ADS5270IPFP Datasheet HTML 9Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 10Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 11Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 12Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 13Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 14Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 15Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 16Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 17Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ADS5270
SBAS293D − JANUARY 2004 − REVISED MAY 2004
www.ti.com
13
THEORY OF OPERATION
OVERVIEW
The ADS5270 is an 8-channel, high-speed, CMOS ADC.
It consists of a high-performance sample-and-hold circuit
at the input, followed by a 12-bit ADC. The 12 bits given out
by each channel are serialized and sent out on a single pair
of pins in LVDS format. All eight channels of the ADS5270
operate from a single clock referred to as ADCLK. The
sampling clocks for each of the eight channels are
generated from the input clock using a carefully matched
clock buffer tree. The 12X clock required for the serializer
is generated internally from ADCLK using a phase lock
loop (PLL). A 6X and a 1X clock are also output in LVDS
format along with the data to enable easy data capture.
The
ADS5270
operates
from
internally
generated
reference voltages that are trimmed to ensure matching
across multiple devices on a board. This feature eliminates
the need for external routing of reference lines and also
improves matching of the gain across devices. The
nominal values of REFT and REFB are 2V and 1V,
respectively. These values imply that a differential input of
−1V corresponds to the zero code of the ADC, and a
differential input of +1V corresponds to the full-scale code
(4095 LSB). VCM (common-mode voltage of REFP and
REFN) is also made available externally through a pin, and
is nominally 1.5V.
The ADC employs a pipelined converter architecture
consisting of a combination of multi-bit and single-bit
internal stages. Each stage feeds its data into the digital
error correction logic, ensuring excellent differential
linearity and no missing codes at the 12-bit level. The
pipeline architecture results in a data latency of 6.5 clock
cycles.
The output of the ADC goes to a serializer that operates
from a 12X clock generated by the PLL. The 12 data bits
from each channel are serialized and sent LSB first. In
addition to serializing the data, the serializer also
generates a 1X clock and a 6X clock. These clocks are
generated in the same way the serialized data is
generated, so these clocks maintain perfect synchroniza-
tion with the data. The data and clock outputs of the
serializer are buffered externally using LVDS buffers.
Using LVDS buffers to transmit data externally has
multiple advantages, such as reduced number of output
pins (saving routing space on the board), reduced power
consumption, and reduced effects of digital noise coupling
to the analog circuit inside the ADS5270.
The ADS5270 operates from two sets of supplies and
grounds. The analog supply/ground set is denoted as
AVDD/AVSS, while the digital set is denoted by
LVDD/LVSS.
DRIVING THE ANALOG INPUTS
The analog input biasing is shown in Figure 1. The
recommended method to drive the inputs is through AC
coupling. AC coupling removes the worry of setting the
common-mode of the driving circuit, since the inputs are
biased internally using two 600
Ω resistors.
CM Buffer 2
CM Buffer 1
Internal
Voltage
Reference
Input
Circuitry
IN+
IN
−
V
CM
600
Ω
600
Ω
ADS5270
Figure 1. Analog Input Bias Circuitry
The sampling capacitor used to sample the inputs is 4pF.
The choice of the external AC coupling capacitor is
dictated by the attenuation at the lowest desired input
frequency of operation. The attenuation resulting from
using a 10nF AC coupling capacitor is 0.04%.
If the input is DC-coupled, then the output common-mode
voltage of the circuit driving the ADS5270 should match
the VCM (which is provided as an output pin) to within
±50mV. It is recommended that the output common-mode
of the driving circuit be derived from VCM provided by the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com