Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC313 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC313
Description  High Reliability GaAs HBT Process
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC313 Datasheet(HTML) 1 Page - Analog Devices

  HMC313 Datasheet HTML 1Page - Analog Devices HMC313 Datasheet HTML 2Page - Analog Devices HMC313 Datasheet HTML 3Page - Analog Devices HMC313 Datasheet HTML 4Page - Analog Devices HMC313 Datasheet HTML 5Page - Analog Devices HMC313 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 26
HMC313 / 313E
General Description
Features
The
HMC313
&
HMC313E
are
GaAs
InGaP
Heterojunction
Bipolar
Transistor
(HBT)
MMIC
amplifiers that operate from a single Vcc supply.
The surface mount SOT26 amplifier can be used
as a broadband gain stage or used with external
matching for optimized narrow band applications.
With Vcc biased at +5V, the HMC313(E) offers 17 dB
of gain and +15 dBm of saturated power while only
requiring 50 mA of current.
P1dB Output Power: +14 dBm
Output IP3: +27 dBm
Gain: 17 dB
Single Supply: +5V
High Reliability GaAs HBT Process
Ultra Small Package: SOT26
Included in the HMC-DK001 Designer’s Kit
Ideal as a Driver & Amplifier for:
• 2.2 - 2.7 GHz MMDS
• 3.5 GHz Wireless Local Loop
• 5 - 6 GHz UNII & HiperLAN
Electrical Specifications, T
A = +25 °C, Vcc = +5.0V
Parameter
Vcc = +5V
Units
Min.
Typ.
Max.
Frequency Range
DC - 6
GHz
Gain
14
17
20
dB
Gain Variation Over Temperature
0.02
0.03
dB/°C
Input Return Loss
7dB
Output Return Loss
6dB
Reverse Isolation
30
dB
Output Power for 1 dB Compression (P1dB) @ 1.0 GHz
11
14
dBm
Saturated Output Power (Psat) @ 1.0 GHz
15
dBm
Output Third Order Intercept (IP3) @ 1.0 GHz
24
27
dBm
Noise Figure
6.5
dB
Supply Current (Icc)
50
mA
Note: Data taken with broadband bias tee on device output.
Functional Diagram
Typical Applications
GaAs InGaP HBT MMIC BROADBAND
AMPLIFIER GAIN BLOCK, DC - 6 GHz
v06.0109
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC313

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC313 HITTITE-HMC313 Datasheet
205Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
HMC313 HITTITE-HMC313 Datasheet
215Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6 GHz
HMC313 HITTITE-HMC313 Datasheet
215Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6 GHz
HMC313 HITTITE-HMC313 Datasheet
271Kb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
logo
Analog Devices
HMC313 AD-HMC313 Datasheet
1Mb / 6P
GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC
More results

Similar Description - HMC313

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BA01207 MITSUBISHI-BA01207 Datasheet
27Kb / 1P
GaAs HBT HYBRID IC
logo
Hittite Microwave Corpo...
HMC361G8 HITTITE-HMC361G8 Datasheet
563Kb / 6P
SMT GaAs HBT MMIC
logo
RF Micro Devices
RFPA2189 RFMD-RFPA2189_14 Datasheet
792Kb / 11P
GaAs HBT POWER AMPLIFIER
logo
Analog Devices
HMC434 AD-HMC434 Datasheet
357Kb / 6P
SMT GaAs HBT MMIC
logo
NXP Semiconductors
MMZ25332B4 NXP-MMZ25332B4 Datasheet
1Mb / 20P
InGaP GaAs HBT
Rev. 1, 12/2017
MMZ25333B NXP-MMZ25333B Datasheet
1Mb / 19P
InGaP GaAs HBT
Rev. 1, 8/2014
MMZ27333B NXP-MMZ27333B Datasheet
1Mb / 17P
InGaP GaAs HBT
Rev. 1, 02/2017
logo
Renesas Technology Corp
UPG2304TK RENESAS-UPG2304TK Datasheet
227Kb / 13P
GaAs HBT INTEGRATED CIRCUIT
2002
UPG2314T5N RENESAS-UPG2314T5N Datasheet
252Kb / 13P
GaAs HBT INTEGRATED CIRCUIT
2008
UPG2317T5J RENESAS-UPG2317T5J Datasheet
238Kb / 11P
GaAs HBT INTEGRATED CIRCUIT
2008
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com