| Electronic Components Datasheet Search |
|
PCD509X2 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD509X2 Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 16 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... MGM858 R_DATAM R_DATAP REF_CLK SLICE_CTR R_PWR R_ENABLE S_PWR S_CLK S_DATA S_ENABLE GPP T_PWR T_ENABLE ANT_SW1 ANT_SW0 LEVEL SHIFTER AGM BURST MODE LOGIC (BML) CLOCK GENERATOR (CLG) TIMING CONTROL BLOCK (TICB) WATCHDOG TIMER (WDT) ISB RESET GENERATOR (RGE) DIGITAL CONTROL OF ANALOG (DCA) 80CL51 CORE ROM (64 kBYTES) AB-MICROCONTROLLER INTERFACE (ABCIF) LEVEL SHIFTER PORT 0 8 8 8 8 LEVEL SHIFTER PORT 2 LEVEL SHIFTER PORT 1 LEVEL SHIFTER PORT 3 AUX-RAM (3 kBYTES) MICROCONTROLLER-RAM (256 BYTES) I2C-BUS UART SYSTEM DATA RAM (SDR) (1 kBYTE) DIGITAL SIGNAL PROCESSOR (DSP) MEMORY DIGITAL DECIMATING FILTER (DDF) DIGITAL NOISE SHAPER (DNS) DIGITAL PULSE SHAPER (DPS) DIGITAL PULSE SHAPER (DPS) LEVEL SHIFTER DIGITAL RECEIVE FILTER (DRF) ANALOG VOLTAGE REFERENCE (AVR) POWER-ON-RESET (POR) ANALOG VOLTAGE SOURCE (AVS) AUXILIARY ADC (AAD) Σ ∆ 1-BIT ADC ATS 1-BIT DAC (ARD) AMP Vref BUZZER BUFFER (ABB) CODEC VDDD VDDD VDDD VDD(BZ) VDDD VDDA VDD(RF) VDDD ALE A16 VDD(OSC) VDDD VDD(BAT) VDDA T_GSMK/ T_DATA XTAL1 XTAL2 M_RESET VBGP VANLO MICM/LIFP MICP/LIFM EARM EARP BZM BZP ANALOG SWITCH (ASW) Vref ANALOG SUBTRACTOR (ASU) VDD(BAT) ANALOG RSSI TREATMENT (ART) RSSI_AN ADJUSTABLE CURRENT SOURCE (ACS) VANLI VDDD P0 P2 P3(1) P1(1) VDDD VDD(P0, P2) VDD(P1, P3) MICROCONTROLLER PCD509x2 IB BUS LEVEL SHIFTER EA PSEN digital pins supply pins analog pins VSSD VDD(P1, P3) VDD(P0, P2) VSS(P0, P2) VDD(BZ) VSS(BZ) VDD(RF) VSS(RF) VDDA VSSA VDD(OSC) VSS(OSC) VDD(BAT) LEVEL SHIFTER LEVEL SHIFTER LEVEL SHIFTER LEVEL SHIFTER LEVEL SHIFTER SPEECH INTERFACE IOM® ADPCM (SPI) ISB BUS CONTROLLER (IBC) Fig.1 Block diagram. (1) Ports 1 and 3 are shared with alternative functions. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |