Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD509X2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCD509X2
Description  The PCD50912 is designed for GAP compatible DECT handsets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD509X2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCD509X2 Datasheet HTML 5Page - NXP Semiconductors PCD509X2 Datasheet HTML 6Page - NXP Semiconductors PCD509X2 Datasheet HTML 7Page - NXP Semiconductors PCD509X2 Datasheet HTML 8Page - NXP Semiconductors PCD509X2 Datasheet HTML 9Page - NXP Semiconductors PCD509X2 Datasheet HTML 10Page - NXP Semiconductors PCD509X2 Datasheet HTML 11Page - NXP Semiconductors PCD509X2 Datasheet HTML 12Page - NXP Semiconductors PCD509X2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1998 Apr 27
9
Philips Semiconductors
Objective specification
Low cost; low power DECT baseband
controllers (ABC-PRO)
PCD509x2/zuu/v family
Note
1. In the ‘State After Reset’ column the following symbols are used:
a) HIGH means active HIGH, for BUPxSW pin types this means weak pull-up
b) LOW means active LOW
c) ‘running’ means the clock signal is active
d) ‘off’ means the high-impedance state.
EA
63
I
−
VDD(P0,P2) external access (80C51), active LOW
P3.7/RD
64
I/O
HIGH
VDD(P1,P3) 80C51 port pin/Read data, active LOW
P3.6/WR
65
I/O
HIGH
VDD(P1,P3) 80C51 port pin/Write data, active LOW
P3.5/T1
66
I/O
HIGH
VDD(P1,P3) 80C51 port pin/Timer 1 input
P3.4/T0
67
I/O
HIGH
VDD(P1,P3) 80C51 port pin/Timer 0 input
P3.3/INT1/IrDA
68
I/O
HIGH
VDD(P1,P3) 80C51 port pin/external interrupt 1/IrDA clock
P3.2/INT0
69
I/O
HIGH
VDD(P1,P3) 80C51 port pin/external interrupt 0
P3.1/TXD
70
I/O
HIGH
VDD(P1,P3) 80C51 port pin/UART transmit data
P3.0/RXD
71
I/O
HIGH
VDD(P1,P3) 80C51 port pin/UART receive data
VSSD
72
−−
−
negative supply voltage for digital core
VDDD
73
−−
−
positive supply voltage for digital core
VDD(P1,P3)
74
−−
−
positive supply voltage for periphery pins
P1.7/INT9/SDA
75
I/O
off
VDD(P1,P3) 80C51 port pin/external interrupt 9/I2C-bus data
P1.6/INT8/SCL
76
I/O
off
VDD(P1,P3) 80C51 port pin/external interrupt 8/I2C-bus clock
P1.5/INT7/FS1
77
I/O
HIGH
VDD(P1,P3) 80C51 port pin/external interrupt 7/SPI Frame Sync
P1.4/INT6/DCK
78
I/O
HIGH
VDD(P1,P3) 80C51 port pin/external interrupt 6/SPI Data Clock
P1.3/INT5/DO
79
I/O
HIGH
VDD(P1,P3) 80C51 port pin/external interrupt 5/SPI Data Out
P1.2/INT4/DI
80
I/O
HIGH
VDD(P1,P3) 80C51 port pin/external interrupt 4/SPI Data In
SYMBOL
PIN
I/O
STATE
AFTER
RESET(1)
SUPPLY
DOMAIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com