Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA1465U/7 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA1465U/7
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1465U/7 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA1465U/7 Datasheet HTML 2Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 3Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 4Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 5Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 6Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 7Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 8Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 9Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MSA946
STAGE 1
STAGE 2
STAGE 3
STAGE 4
STAGE 5
STAGE 8
t
= 3.9 ms
P3
t
= 5.86 ms
P2
t
= 7.81 ms
P1
37.50 %
43.75 %
50.00 %
56.25 %
62.50 %
81.25 %
t DF LOFF
DF
t
LOFF
t
ON
t=
t
ONL
t
AOFF
t
DF
t
= 977
µs
LOFF
t
t
= 183
µs
AOFF
t
= 244
µs
LONF
Fig.4 Motor pulses in the lithium mode (VDD = 2.1 V).
tOFF for stage 1 to 5 = 672 µs − stage × 61 µs
tON for stage 1 to 5 = 305 µs + stage × 61 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com