Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA1465U/7 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA1465U/7
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1465U/7 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA1465U/7 Datasheet HTML 6Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 7Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 8Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 9Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 10Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 11Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 12Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 13Page - NXP Semiconductors PCA1465U/7 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1998 Apr 21
10
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA146x series
Correction sequence (see Fig.8)
If a missing step is detected, a correction sequence is produced. This consists of a small pulse (tC1) which gives the motor
a defined position and after 29.30 ms a pulse of stage 8 (tC2) to turn the motor.
Fig.8 Correction sequence after a missing motor step with motor connected.
MSA943
MOTOR
PULSE
DETECTION
CORRECTION SEQUENCE
t P
t C1
t D
M1 - M2
V
= 977
µs
t C = 30.27 ms t P
t C2 =t P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com