Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C366 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # P83C366
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button P83C366 Datasheet HTML 48Page - NXP Semiconductors P83C366 Datasheet HTML 49Page - NXP Semiconductors P83C366 Datasheet HTML 50Page - NXP Semiconductors P83C366 Datasheet HTML 51Page - NXP Semiconductors P83C366 Datasheet HTML 52Page - NXP Semiconductors P83C366 Datasheet HTML 53Page - NXP Semiconductors P83C366 Datasheet HTML 54Page - NXP Semiconductors P83C366 Datasheet HTML 55Page - NXP Semiconductors P83C366 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
1999 Mar 10
52
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
17.3.4
OSD HORIZONTAL START REGISTER (OSORGH)
Table 56 OSD Horizontal Start Register (SFR address C3H)
Table 57 Description of OSORGH bits
76543210
−
HP6
HP5
HP4
HP3
HP2
HP1
HP0
BIT
SYMBOL
DESCRIPTION
7
−
This bit is not used.
6
HP6
Horizontal starting position selection. These 7 bits select the horizontal starting
position of the OSD. 1 from 110 starting positions may be selected.The reference point
of the horizontal starting position is the leading edge of HSYNC. The horizontal starting
position (HP) is calculated as follows:
Where (HP6
→ HP0) is the decimal value of the contents of OSORGH and
(HP6
→ HP0) ≥ 12H.
Note that the period of the horizontal starting position plus characters display cannot be
more than one HSYNC period (for example 64
µs).
5
HP5
4
HP4
3
HP3
2
HP2
1
HP1
0
HP0
HP
2
HP6
HP0
→
() OSD clock
×
×
=
Fig.32 OSD starting position reference points.
handbook, full pagewidth
MGL285
VPx
HPx
Personal preferrance
Sound
Picture
Tuning
Leading edge of HSYNCP is the reference point of HPx
Leading edge of VSYNCP is the reference point of VPx
HSYNCP
VSYNCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com