Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C366 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # P83C366
Description  80C51 8-bit CPU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C366 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P83C366 Datasheet HTML 14Page - NXP Semiconductors P83C366 Datasheet HTML 15Page - NXP Semiconductors P83C366 Datasheet HTML 16Page - NXP Semiconductors P83C366 Datasheet HTML 17Page - NXP Semiconductors P83C366 Datasheet HTML 18Page - NXP Semiconductors P83C366 Datasheet HTML 19Page - NXP Semiconductors P83C366 Datasheet HTML 20Page - NXP Semiconductors P83C366 Datasheet HTML 21Page - NXP Semiconductors P83C366 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
1999 Mar 10
18
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
10.3
Serial Control Register (S1CON)
Table 6
Serial Control Register (SFR address D8H)
Table 7
Description of S1CON bits
76543210
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
BIT
SYMBOL
DESCRIPTION
6
ENSI
Enable Serial I/O. When ENSI = 0, the SIO is disabled and reset. The SDA and SCL
outputs are in a high-impedance state; P1.5 and P1.6 function as open-drain ports.
When ENSI = 1, the SIO is enabled. The P1.5 and P1.6 port latches must be set to
logic 1.
5
STA
START flag. When the STA bit is set in Slave mode, the SIO hardware checks the
status of the I2C-bus and generates a START condition if the bus is free. If STA is set
while the SIO is in Master mode, SIO transmits a repeated START condition.
4STO
STOP flag. With this bit set while in Master mode a STOP condition is generated. When
a STOP condition is detected on the bus, the SIO hardware clears the STO flag. In the
Slave mode, the STO flag may also be set to recover from an error condition. In this
case, no STOP condition is transmitted to the I2C-bus interface. However, the SIO
hardware behaves as if a STOP condition has been received and releases SDA and
SCL. The SIO then switches to the ‘not addressed’ slave receiver mode. The STO flag
is automatically cleared by hardware.
3SI
SIO interrupt flag. When the SI flag is set, an acknowledge is returned after any one of
the following conditions:
• A START condition is generated in Master mode
• Own slave address received during AA = 1
• General call address received while S1ADR.0 = 1 and AA = 1
• Data byte received or transmitted in Master mode (even if arbitration is lost)
• Data byte received or transmitted as selected slave
• STOP or START condition received as selected slave receiver or transmitter.
2AA
Assert Acknowledge. When the AA flag is set, an acknowledge (LOW level to SDA)
will be returned during the acknowledge clock pulse on the SCL line when:
• Own slave address is received
• General call address is received (S1ADR.0 = 1)
• Data byte received while device is programmed as a Master receiver
• Data byte received while device is a selected Slave receiver.
With AA = 0, no acknowledge will be returned. Consequently, no interrupt is requested
when the ‘own slave address’ or general call address is received.
7
CR2
Clock Rate selection. These three bits determine the serial clock frequency when SIO
is in a Master mode; see Table 8. The maximum I2C-bus frequency is 400 KHz.
1
CR1
0
CR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com