Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM614MN Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM614MN
Description  Quad Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM614MN Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM614MN Datasheet HTML 1Page - National Semiconductor (TI) LM614MN Datasheet HTML 2Page - National Semiconductor (TI) LM614MN Datasheet HTML 3Page - National Semiconductor (TI) LM614MN Datasheet HTML 4Page - National Semiconductor (TI) LM614MN Datasheet HTML 5Page - National Semiconductor (TI) LM614MN Datasheet HTML 6Page - National Semiconductor (TI) LM614MN Datasheet HTML 7Page - National Semiconductor (TI) LM614MN Datasheet HTML 8Page - National Semiconductor (TI) LM614MN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical Characteristics (Continued)
These specifications apply for V
− = GND = 0V, V+ = 5V, V
CM = VOUT = 2.5V, IR = 100 µA, FEEDBACK pin shorted to GND,
unless otherwise specified. Limits in standard typeface are for T
J = 25˚C; limits in boldface type apply over the Operating
Temperature Range .
Symbol
Parameter
Conditions
Typical
(Note 6)
LM614AM
LM614M
Units
LM614AI
LM614BI
Limits
LM614I
(Note 7)
LM614C
Limits
(Note 7)
VOLTAGE REFERENCE
V
R Change with
V
R(V + = 5V) −VR(V + = 36V)
0.1
1.2
1.2
mV max
V
+ Change
(V
+ = 32V for LM614C)
0.1
1.3
1.3
mV max
V
R(V + = 5V) −VR(V + = 3V)
0.01
1
1
mV max
0.01
1.5
1.5
mV max
I
FB
FEEDBACK Bias
V
ANODE ≤ VFB ≤ 5.06V
22
35
50
nA max
Current
29
40
55
nA max
e
n
Voltage Noise
BW = 10 Hz to 10 kHz,
30
µV
RMS
V
RO = VR
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the de-
vice beyond its rated operating conditions.
Note 2: Input voltage above V+ is allowed.
Note 3: More accurately, it is excessive current flow, with resulting excess heating, that limits the voltages on all pins. When any pin is pulled a diode drop below
V−, a parasitic NPN transistor turns ON. No latch-up will occur as long as the current through that pin remains below the Maximum Rating. Operation is undefined
and unpredictable when any parasitic diode or transistor is conducting.
Note 4: Junction temperature may be calculated using TJ = TA +PDθjA. The given thermal resistance is worst-case for packages in sockets in still air. For packages
soldered to copper-clad board with dissipation from one comparator or reference output transistor, nominal
θjA are 90˚C/W for the N package, WM package.
Note 5: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 6: Typical values in standard typeface are for TJ = 25˚C; values in boldface type apply for the full operating temperature range. These values represent the
most likely parametric norm.
Note 7: All limits are guaranteed at room temperature (standard type face) or at operating temperature extremes (bold type face).
Note 8: Slew rate is measured with op amp in a voltage follower configuration. For rising slew rate, the input voltage is driven from 5V to 25V, and the output voltage
transition is sampled at 10V and @20V. For falling slew rate, the input voltage is driven from 25V to 5V, and the output voltage transition is sampled at 20V and 10V.
Note 9: VR is the Cathode-feedback voltage, nominally 1.244V.
Note 10: Average reference drift is calculated from the measurement of the reference voltage at 25˚C and at the temperature extremes. The drift, in ppm/˚C, is
106
•
∆VR/(VR[25˚C] •∆TJ), where ∆VR is the lowest value subtracted from the highest, VR[25˚C] is the value at 25˚C, and ∆TJ is the temperature range. This parameter
is guaranteed by design and sample testing.
Note 11: Hysteresis is the change in VR caused by a change in TJ, after the reference has been “dehysterized”. To dehysterize the reference; that is minimize the
hysteresis to the typical value, cycle its junction temperature in the following pattern, spiraling in toward 25˚C: 25˚C, 85˚C, −40˚C, 70˚C, 0˚C, 25˚C.
Note 12: Low contact resistance is required for accurate measurement.
Note 13: A military RETSLM614AMX electrical test specification is available on request. The LM614AMJ/883 can also be procured as a Standard Military Drawing.
Simplified Schematic Diagrams
Op Amp
DS009326-2
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com