Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM614MN Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM614MN
Description  Quad Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM614MN Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM614MN Datasheet HTML 9Page - National Semiconductor (TI) LM614MN Datasheet HTML 10Page - National Semiconductor (TI) LM614MN Datasheet HTML 11Page - National Semiconductor (TI) LM614MN Datasheet HTML 12Page - National Semiconductor (TI) LM614MN Datasheet HTML 13Page - National Semiconductor (TI) LM614MN Datasheet HTML 14Page - National Semiconductor (TI) LM614MN Datasheet HTML 15Page - National Semiconductor (TI) LM614MN Datasheet HTML 16Page - National Semiconductor (TI) LM614MN Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Application Information (Continued)
Connecting a resistor across Cathode-to-FEEDBACK cre-
ates a 0 TC current source, but a range of TCs may be
synthesized.
Hysteresis
The reference voltage depends, slightly, on the thermal his-
tory
of
the
die.
Competitive
micro-power
products
vary — always check the data sheet for any given device. Do
not assume that no specification means no hysteresis.
OPERATIONAL AMPLIFIERS
Any amp or the reference may be biased in any way with no
effect on the other amps or reference, except when a sub-
strate diode conducts (see Guaranteed Electrical Character-
istics (Note 1)). One amp input may be outside the
common-mode range, another amp may be operated as a
comparator, another with all terminals floating with no effect
on
the
others
(tying
inverting
input
to
output
and
non-inverting input to V
− on unused amps is preferred).
Choosing operating points that cause oscillation, such as
driving too large a capacitive load, is best avoided.
Op Amp Output Stage
These op amps, like their LM124 series, have flexible and
relatively wide-swing output stages. There are simple rules
to optimize output swing, reduce cross-over distortion, and
optimize capacitive drive capability:
1.
Output Swing: Unloaded, the 42 µA pull-down will bring
the output within 300 mV of V
− over the military tempera-
ture range. If more than 42 µA is required, a resistor from
output to V
− will help. Swing across any load may be im-
proved slightly if the load can be tied to V
+, at the cost of
poorer sinking open-loop voltage gain
DS009326-14
FIGURE 6. Output Voltage has Negative Temperature
Coefficient (TC) if R2 has Negative TC
DS009326-15
FIGURE 7. Output Voltage has Positive TC
if R1 has Negative TC
DS009326-16
FIGURE 8. Diode in Series with R1 Causes Voltage
across R1 and R2 to be Proportional to Absolute
Temperature (PTAT)
DS009326-17
I = Vr/R1 = 1.24/R1
FIGURE 9. Current Source is Programmed by R1
DS009326-18
FIGURE 10. Proportional-to-Absolute-Temperature
Current Source
DS009326-19
FIGURE 11. Negative-TC Current Source
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com