Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC494LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC494LP3
Description  Point-to-Point
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC494LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC494LP3 Datasheet HTML 1Page - Analog Devices HMC494LP3 Datasheet HTML 2Page - Analog Devices HMC494LP3 Datasheet HTML 3Page - Analog Devices HMC494LP3 Datasheet HTML 4Page - Analog Devices HMC494LP3 Datasheet HTML 5Page - Analog Devices HMC494LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4
4 - 1
General Description
Features
Functional Diagram
the HMc494LP3 & HMc494LP3e are low noise
Divide-by-8 static Dividers utilizing inGaP GaAs
HBt technology packaged in leadless 3x3 mm qFn
surface mount plastic packages. this device operates
from Dc (with a square wave input) to 18 GHz input
frequency from a single +5v Dc supply. the low
additive ssB phase noise of -150 dBc/Hz at 100 kHz
offset helps the user maintain excellent system noise
performance.
ultra Low ssB Phase noise: -150 dBc/Hz
very Wide Bandwidth
output Power: -4 dBm
single Dc supply: +5v
16 Lead 3x3mm qFn Package: 9 mm²
Typical Applications
Prescaler for Dc to 18 GHz PLL Applications:
• Point-to-Point / Multi-Point Radios
• VSAT Radios
• Fiber Optic
• Test Equipment
• Military
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vcc= +5V
Parameter
conditions
Min.
typ.
Max.
units
Maximum input Frequency
18
19
GHz
Minimum input Frequency
sine Wave input. [1]
0.2
0.5
GHz
input Power range
Fin = 2 to 12 GHz
-20
-15
+10
dBm
Fin = 12 to 16 GHz
-20
-15
+3
dBm
Fin = 16 to 18 GHz
-15
-10
0
dBm
output Power
Fin = 0.5 to 18 GHz
-7
-4
dBm
reverse Leakage
Both rF outputs terminated
55
dB
ssB Phase noise (100 kHz offset)
Pin = 0 dBm, Fin = 6 GHz
-150
dBc/Hz
output transition time
Pin = 0 dBm, Fout = 882 MHz
100
ps
supply current (icc1 + icc2)
103
mA
HMC494LP3 / 494LP3E
SMT GaAs HBT MMIC
DIVIDE-BY-8, DC - 18 GHz
v05.1211
1. Divider will operate down to DC for square-wave input signal
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC494LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC494LP3 HITTITE-HMC494LP3 Datasheet
253Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
HMC494LP3 HITTITE-HMC494LP3 Datasheet
233Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
HMC494LP3E HITTITE-HMC494LP3E Datasheet
233Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
HMC494LP3 HITTITE-HMC494LP3_08 Datasheet
233Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
More results

Similar Description - HMC494LP3

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC383 MICROSS-HMC383 Datasheet
907Kb / 9P
Point-to-Point Radios
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
Point-to-Point and Point-to-Multi-Point Radio
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC362 AD-HMC362 Datasheet
310Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC753 AD-HMC753 Datasheet
429Kb / 14P
Point to point radios
Rev. D
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com