Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8429BRZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8429BRZ-R7
Description  1 nV/?숰z Low Noise Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8429BRZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8429BRZ-R7 Datasheet HTML 1Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 2Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 3Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 4Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 5Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 6Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 7Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 8Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AD8429
Rev. 0 | Page 4 of 20
A Grade
B Grade
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
Settling Time 0.01%
10 V step
G = 1
0.75
0.75
μs
G = 10
0.65
0.65
μs
G = 100
0.85
0.85
μs
G = 1000
5
5
μs
Settling Time 0.001%
10 V step
G = 1
0.9
0.9
μs
G = 10
0.9
0.9
μs
G = 100
1.2
1.2
μs
G = 1000
7
7
μs
Slew Rate
G = 1 to 100
22
22
V/μs
THD
First five harmonics, f = 1 kHz,
RL = 2 kΩ, VOUT = 10 V p-p
G = 1
−130
−130
dBc
G = 10
−116
−116
dBc
G = 100
−113
−113
dBc
G = 1000
−111
−111
dBc
THD + N
f = 1 kHz, RL = 2 kΩ, VOUT =
10 V p-p
G = 100
0.0005
0.0005
%
GAIN3
G = 1 + (6 kΩ/RG)
Gain Range
1
10000
1
10000
V/V
Gain Error
VOUT = ±10 V
G = 1
0.05
0.02
%
G > 1
0.3
0.15
%
Gain Nonlinearity
VOUT = −10 V to +10 V
G = 1 to 1000
RL = 10 kΩ
2
2
ppm
Gain vs. Temperature
G = 1
2
5
2
5
ppm/°C
G > 1
−100
−100
ppm/°C
INPUT
Impedance (Pin to Ground)4
1.5||3
1.5||3
GΩ||pF
Input Operating Voltage
Range5
VS = ±4 V to ±18 V
−VS + 2.8
+VS − 2.5
−VS + 2.8
+VS − 2.5
V
OUTPUT
Output Swing
RL = 2 kΩ
−VS + 1.8
+Vs − 1.2
−VS + 1.8
+Vs − 1.2
V
Over Temperature
−VS + 1.9
+Vs − 1.3
−VS + 1.9
+Vs − 1.3
V
Output Swing
RL = 10 kΩ
−VS + 1.7
+Vs − 1.1
−VS + 1.7
+Vs − 1.1
V
Over Temperature
−VS + 1.8
+Vs − 1.2
−VS + 1.8
+Vs − 1.2
V
Short-Circuit Current
35
35
mA
REFERENCE INPUT
RIN
10
10
IIN
VIN+, VIN− = 0 V
70
70
μA
Voltage Range
−VS
+VS
V
Reference Gain to Output
1
1
V/V
Reference Gain Error
0.01
0.05
0.01
0.05
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com