Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8429BRZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8429BRZ-R7
Description  1 nV/?숰z Low Noise Instrumentation Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8429BRZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8429BRZ-R7 Datasheet HTML 13Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 14Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 15Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 16Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 17Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 18Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 19Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 20Page - Analog Devices AD8429BRZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AD8429
Rev. 0 | Page 17 of 20
INPUT BIAS CURRENT RETURN PATH
The input bias current of the AD8429 must have a return path to
ground. When using a floating source without a current return
path, such as a thermocouple, create a current return path, as
shown in Figure 50.
THERMOCOUPLE
+VS
REF
–VS
AD8429
CAPACITIVELY COUPLED
+VS
REF
C
C
–VS
AD8429
TRANSFORMER
+VS
REF
–VS
AD8429
INCORRECT
CAPACITIVELY COUPLED
+VS
REF
C
R
R
C
–VS
AD8429
1
fHIGH-PASS = 2πRC
THERMOCOUPLE
+VS
REF
–VS
10MΩ
AD8429
TRANSFORMER
+VS
REF
–VS
AD8429
CORRECT
Figure 50. Creating an Input Bias Current Return Path
INPUT PROTECTION
Do not allow the inputs of the AD8429 to exceed the ratings
stated in the Absolute Maximum Ratings section of this data
sheet. If this cannot be done, protection circuitry can be added
in front of the AD8429 to limit the current into the inputs to a
maximum current, IMAX.
Input Voltages Beyond the Rails
If voltages beyond the rails are expected, use an external resistor
in series with each input to limit current during overload condi-
tions. The limiting resistor at the input can be computed from
MAX
SUPPLY
IN
PROTECT
I
V
V
R
|
|
Noise sensitive applications may require a lower protection resis-
tance. Low leakage diode clamps, such as the BAV199, can be used
at the inputs to shunt current away from the AD8429 inputs,
thereby allowing smaller protection resistor values. To ensure
current flows primarily through the external protection diodes,
place a small value resistor, such as a 33 Ω, between the diodes and
the AD8429.
SIMPLE METHOD
LOW NOISE METHOD
+VS
AD8429
RPROTECT
RPROTECT
–VS
I
VIN+
+
VIN–
+
+VS
+VS
AD8429
RPROTECT
33Ω
33Ω
RPROTECT
–VS
–VS
I
VIN+
+
VIN–
+
+VS
–VS
Figure 51. Protection for Voltages Beyond the Rails
Large Differential Input Voltage at High Gain
If large differential voltages at high gain are expected, use an
external resistor in series with each input to limit current during
overload conditions. The limiting resistor at each input can be
computed by using the following equation:
G
MAX
DIFF
PROTECT
R
I
V
R
V
1
2
1
Noise sensitive applications may require a lower protection resis-
tance. Low leakage diode clamps, such as the BAV199, can be used
across the inputs to shunt current away from the AD8429 inputs
and, therefore, allow smaller protection resistor values.
AD8429
RPROTECT
RPROTECT
I
VDIFF
+
AD8429
RPROTECT
RPROTECT
I
VDIFF
+
SIMPLE METHOD
LOW NOISE METHOD
Figure 52. Protection for Large Differential Voltages
IMAX
The maximum current into the AD8429 inputs, IMAX, depends
on time and temperature. At room temperature, the device can
withstand a current of 10 mA for at least one day. This time is
cumulative over the life of the device.
RADIO FREQUENCY INTERFERENCE (RFI)
RF rectification is often a problem when amplifiers are used in
applications that have strong RF signals. The disturbance can
appear as a small dc offset voltage. High frequency signals can
be filtered with a low-pass RC network placed at the input of
the instrumentation amplifier, as shown in Figure 53.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com