Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC659 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC659
Description  Test Instrumentation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC659 Datasheet(HTML) 4 Page - Analog Devices

  HMC659 Datasheet HTML 1Page - Analog Devices HMC659 Datasheet HTML 2Page - Analog Devices HMC659 Datasheet HTML 3Page - Analog Devices HMC659 Datasheet HTML 4Page - Analog Devices HMC659 Datasheet HTML 5Page - Analog Devices HMC659 Datasheet HTML 6Page - Analog Devices HMC659 Datasheet HTML 7Page - Analog Devices HMC659 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
4
HMC659
v02.0217
GaAs PHEMT MMIC
POWER AMPLIFIER, DC - 15 GHz
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+9 Vdc
Gate Bias Voltage (Vgg1)
0 to -2 Vdc
Gate Bias Voltage (Vgg2)
+2V to +4V
RF Input Power (RFIN)(Vdd = +12V)
+20 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 41 mW/°C above 85 °C)
3.69 W
Thermal Resistance
(channel to die bottom)
24.4 °C/W
Storage Temperature
-65 to 150°C
Operating Temperature
-55 to 85 °C
ESD Sensitivity (HBM)
Class1A, Passed 250V
Vdd (V)
Idd (mA)
+7.5
299
+8.0
300
+8.5
301
Typical Supply Current vs. Vdd
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Power Compression @ 15 GHz
Power Dissipation
Power Compression @ 2 GHz
Power Compression @ 7 GHz
0
4
8
12
16
20
24
28
32
0
3
6
9
12
15
Pout
Gain
PAE
INPUT POWER (dBm)
0
4
8
12
16
20
24
28
32
0
3
6
9
12
15
Pout
Gain
PAE
INPUT POWER (dBm)
0
4
8
12
16
20
24
28
32
0
3
6
9
12
15
Pout
Gain
PAE
INPUT POWER (dBm)
0
2
4
6
8
10
-10
-6
-2
2
6
10
14
18
Max Pdis @ 85C
2 GHz
12 GHz
INPUT POWER (dBm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com