Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC659 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC659
Description  Test Instrumentation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC659 Datasheet(HTML) 3 Page - Analog Devices

  HMC659 Datasheet HTML 1Page - Analog Devices HMC659 Datasheet HTML 2Page - Analog Devices HMC659 Datasheet HTML 3Page - Analog Devices HMC659 Datasheet HTML 4Page - Analog Devices HMC659 Datasheet HTML 5Page - Analog Devices HMC659 Datasheet HTML 6Page - Analog Devices HMC659 Datasheet HTML 7Page - Analog Devices HMC659 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
3
HMC659
v02.0217
GaAs PHEMT MMIC
POWER AMPLIFIER, DC - 15 GHz
Output IP3 vs. Output Power @ 7GHz
P1dB vs. Frequency
Psat vs. Temperature
Output IP3 vs. Temperature
Gain, Power & Output IP3 vs.
Supply Voltage @ 10 GHz, Fixed Vgg
12
16
20
24
28
32
36
40
7.5
8
8.5
Gain
P1dB
Psat
IP3
Vdd (V)
30
35
40
45
50
0
4
8
12
16
20
24
28
7.5V
8.0V
8.5V
OUTPUT POWER (dBm)
20
25
30
35
40
45
0
2
4
6
8
10
12
14
16
+25C
+85C
-55C
FREQUENCY (GHz)
20
22
24
26
28
30
32
0
3
6
9
12
15
FREQUENCY (GHz)
20
22
24
26
28
30
32
0
2.5
5
7.5
10
12.5
15
+25C
+85C
-55C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com