Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6154ACN Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6154ACN
Description  Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6154ACN Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6154ACN Datasheet HTML 1Page - National Semiconductor (TI) LM6154ACN Datasheet HTML 2Page - National Semiconductor (TI) LM6154ACN Datasheet HTML 3Page - National Semiconductor (TI) LM6154ACN Datasheet HTML 4Page - National Semiconductor (TI) LM6154ACN Datasheet HTML 5Page - National Semiconductor (TI) LM6154ACN Datasheet HTML 6Page - National Semiconductor (TI) LM6154ACN Datasheet HTML 7Page - National Semiconductor (TI) LM6154ACN Datasheet HTML 8Page - National Semiconductor (TI) LM6154ACN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM6152/LM6154
Dual and Quad High Speed/Low Power 75 MHz GBW
Rail-to-Rail I/O Operational Amplifiers
General Description
Using patented circuit topologies, the LM6152/54 provides
new levels of speed vs. power performance in applications
where low voltage supplies or power limitations previously
made compromise necessary. With only 1.4 mA/amplifier
supply current, the 75 MHz gain bandwidth of this device
supports new portable applications where higher power de-
vices unacceptably drain battery life. The slew rate of the de-
vices increases with increasing input differential voltage,
thus allowing the device to handle capacitive loads while
maintaining large signal amplitude.
The LM6152/54 can be driven by voltages that exceed both
power supply rails, thus eliminating concerns about exceed-
ing the common-mode voltage range. The rail-to-rail output
swing capability provides the maximum possible dynamic
range at the output. This is particularly important when oper-
ating on low supply voltages.
Operating on supplies from 2.7V to over 24V, the LM6152/54
is excellent for a very wide range of applications, from bat-
tery operated systems with large bandwidth requirements to
high speed instrumentation.
Features
At V
S = 5V, Typ unless noted
n Greater than Rail-to-Rail Input CMVR
−0.25V to 5.25V
n Rail-to-Rail Output Swing
0.01V to 4.99V
n Wide Gain-Bandwidth:
75 MHz @ 100 kHz
n Slew Rate:
Small signal 5V/µs
Large signal 45V/µs
n Low supply current 1.4mA/amplifier
n Wide supply range 2.7V to 24V
n Fast settling time of 1.1µs for 2V step (to 0.01%)
n PSRR 91 dB
n CMRR 84 dB
Applications
n Portable high speed instrumentation
n Signal conditioning amplifier/ADC buffers
n Barcode scanners
Connection Diagrams
8-Pin DIP/SO
DS012350-3
Top View
14-Pin DIP/SO
DS012350-4
Top View
May 1999
© 1999 National Semiconductor Corporation
DS012350
www.national.com


Similar Part No. - LM6154ACN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6154 TI2-LM6154 Datasheet
880Kb / 28P
LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
REVISED SEPTEMBER 2014
LM6154BCM TI1-LM6154BCM Datasheet
1Mb / 23P
LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
LM6154BCM/NOPB TI1-LM6154BCM/NOPB Datasheet
1Mb / 23P
LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
LM6154BCM/NOPB TI2-LM6154BCM/NOPB Datasheet
880Kb / 28P
LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
REVISED SEPTEMBER 2014
LM6154BCM/NOPB.A TI2-LM6154BCM/NOPB.A Datasheet
880Kb / 28P
LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
REVISED SEPTEMBER 2014
More results

Similar Description - LM6154ACN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6132 NSC-LM6132 Datasheet
361Kb / 14P
Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJU7048 NJRC-NJU7048 Datasheet
408Kb / 11P
High-Speed, Rail-to-Rail I/O, Quad CMOS Operational Amplifier
logo
National Semiconductor ...
LM6134 NSC-LM6134_14 Datasheet
1Mb / 24P
LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6132 TI1-LM6132 Datasheet
1Mb / 27P
LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
LM6152 TI1-LM6152 Datasheet
1Mb / 23P
LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
Rail-to-Rail I/O Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com