Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM2000 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSPM2000
Description  True Digital PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM2000 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSPM2000 Datasheet HTML 4Page - Integrated Device Technology ZSPM2000 Datasheet HTML 5Page - Integrated Device Technology ZSPM2000 Datasheet HTML 6Page - Integrated Device Technology ZSPM2000 Datasheet HTML 7Page - Integrated Device Technology ZSPM2000 Datasheet HTML 8Page - Integrated Device Technology ZSPM2000 Datasheet HTML 9Page - Integrated Device Technology ZSPM2000 Datasheet HTML 10Page - Integrated Device Technology ZSPM2000 Datasheet HTML 11Page - Integrated Device Technology ZSPM2000 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
8
January 27, 2016
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Digital IO pins (GPIO0, CONTROL, PGOOD)
Input high voltage
VDD33=3.3V
2.0
V
Input low voltage
VDD33=3.3V
0.8
V
Output high voltage
VDD33=3.3V
2.4
VDD33
V
Output low voltage
0.5
V
Input leakage current
±1.0
µA
Output current – high
2.0
mA
Output current – low
2.0
mA
SMBus pins (SCL, SDA, SMBALERT) – open drain
Input high voltage
VDD33=3.3V
2.0
V
Input low voltage
VDD33=3.3V
0.8
V
Maximum bus voltage
5.25
V
Output current – low
2.0
mA
Output voltage (without external prescaler)
Set-point voltage
0
1.4
V
Set-point resolution
1.4
mV
Set-point accuracy
VOUT=1.4V
1
%
Inductor current measurement
Common mode voltage: ISNSP
and ISNSN pins relative to AGND
0
5.0
V
Differential voltage range: ISNSP
to ISNSN pin
±100
mV
Accuracy
5
%
Recommended DCR sense
voltage for maximum output
current
10
mV
Digital pulse width modulator
Switching frequency
177
1000
kHz
Resolution
163
ps
Frequency accuracy
2.0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com