Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM2000 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ZSPM2000
Description  True Digital PWM Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM2000 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ZSPM2000 Datasheet HTML 12Page - Integrated Device Technology ZSPM2000 Datasheet HTML 13Page - Integrated Device Technology ZSPM2000 Datasheet HTML 14Page - Integrated Device Technology ZSPM2000 Datasheet HTML 15Page - Integrated Device Technology ZSPM2000 Datasheet HTML 16Page - Integrated Device Technology ZSPM2000 Datasheet HTML 17Page - Integrated Device Technology ZSPM2000 Datasheet HTML 18Page - Integrated Device Technology ZSPM2000 Datasheet HTML 19Page - Integrated Device Technology ZSPM2000 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
16
January 27, 2016
3
Functional Description
3.1.
Power Supply Circuitry, Reference Decoupling, and Grounding
The ZSPM2000 incorporates several internal power regulators in order to derive all required supply and bias
voltages from a single external 5 V supply voltage on the VDD50DRV and VDD50 pins. The integrated MOSFET
driver supply terminal VDD50DRV must be decoupled to the PGND pin (1.0µF minimum; 4.7µF recommended).
Recommendation: Add a 10
Ω resistor between the VDD50DRV and VDD50 pins to provide sufficient decoupling
between the pins.
Decoupling capacitors are required at the VDD50, VDD33, VDD18, and AVDD18 pins (1.0µF minimum; 4.7µF
recommended). A small load current can be drawn from the VDD33 pin. For example, this can be used to supply
pull-up resistors.
The reference voltages required for the analog-to-digital converters (ADCs) are generated within the ZSPM2000.
External decoupling must be provided between the VREFP and ADCVREF pins. Therefore, a 4.7µF capacitor is
required at the VREFP pin and a 100nF capacitor at ADCVREF pin. The two pins should be connected with
approximately 50
Ω resistance in order to provide sufficient decoupling between the pins.
Three different ground connections are available on the outside of the package. Recommendation: Tie the AGND
and the PAD together while separating the ground loop for the driver ground (PGND). Also use a single tie point
close to the ZSPM2000 to tie the two ground connections together.
3.2.
Reset/Start-up Behavior
The ZSPM2000 employs an internal power-on-reset (POR) circuit to ensure proper start up and shut down with a
changing supply voltage. Once the supply voltage increases above the POR threshold voltage, the ZSPM2000
begins the internal start-up process. Upon its completion, the device is ready for operation.
3.3.
Digital Power Control
3.3.1.
Overview
The digital power control loop consists of the integral parts required for the control functionality of the ZSPM2000.
A high-speed analog front-end is used to digitize the output voltage. A digital control core uses the acquired
information to provide duty-cycle information to the PWM, which controls the drive signals to the power stage.
3.3.2.
Switching Frequency
The ZSPM2000 supports the switching frequencies listed in Table 3.1.
Table 3.1
Supported Switching Frequencies
Supported Switching Frequencies
1000kHz
571.4kHz
400.0kHz
266.6kHz
800kHz
500.0kHz
333.3kHz
222.0kHz
666.6kHz
444.4kHz
285.7kHz
177.0kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com