Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR140CSP Datasheet(PDF) 5 Page - International Rectifier

Part # IR140CSP
Description  Flipky
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR140CSP Datasheet(HTML) 5 Page - International Rectifier

  IR140CSP Datasheet HTML 1Page - International Rectifier IR140CSP Datasheet HTML 2Page - International Rectifier IR140CSP Datasheet HTML 3Page - International Rectifier IR140CSP Datasheet HTML 4Page - International Rectifier IR140CSP Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IR140CSP
Bulletin I0148J rev. C 03/04
5
www.irf.com
1.524
[.060]
0.800
[.032]
4X
B
1.524
[.060]
A
0.400
[.016]
2X
NOTES:
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
2. CONTROLLING DIMENSION: MILLIMETER
3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
1
0.10 [.004] C
2X
0.10 [.004] C
2X
2 = CATHODE
3 = ANODE
1 = CATHODE
4 = ANODE
BALL ASSIGNMENTS
2
4
3
RECOMMENDED FOOTPRINT
0.800 [.032]
Anode Ball 3
Anode Ball 4
0.800 [.032]
Cathode Ball 2
Cathode Ball 1
4X Ø 0.25 [.010]
8mm
1. TAPE AND REEL OUTLINE CONFORMS TO EIA-481 & EIA-541.
NOTES:
8mm
4mm
FEED DIRECTION
LOCATION
A1 BALL
Ø 13"
140C
0001
0101
IR
BALL 1 MARK
PART NUMBER
LOT NUMBER
DATE CODE
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 03/04
Data and specifications subject to change without notice.
This product has been designed for Consumer Level.
Qualification Standards can be found on IR's Web site.
Outline Dimension and Tape and Reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com